Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99ASC03G Datasheet(PDF) 22 Page - STMicroelectronics

Part # L99ASC03G
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03G Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L99ASC03G Datasheet HTML 18Page - STMicroelectronics L99ASC03G Datasheet HTML 19Page - STMicroelectronics L99ASC03G Datasheet HTML 20Page - STMicroelectronics L99ASC03G Datasheet HTML 21Page - STMicroelectronics L99ASC03G Datasheet HTML 22Page - STMicroelectronics L99ASC03G Datasheet HTML 23Page - STMicroelectronics L99ASC03G Datasheet HTML 24Page - STMicroelectronics L99ASC03G Datasheet HTML 25Page - STMicroelectronics L99ASC03G Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
Device description
L99ASC03G
22/70
DocID029080 Rev 2
Figure 12. HARDOFF functionality by using external dead time
1. Propagation delay is omitted for convenience.
2.12
Drain-source monitoring
2.12.1
Drain-source monitoring in ON state (short-circuit detection)
The drain-source voltage of each activated external MOSFET is monitored by internal
comparators to detect short circuits to ground or battery. In case the voltage drop over the
external MOSFET exceeds the threshold voltage VSCd, the corresponding DSHS(x) or
DSLS(x) flag is set. In addition, if the DSFT_DIS bit is set to "0", the affected MOSFET is
turned off and the related gate driver is disabled.
The drain-source monitoring has a filter time and is only active when the corresponding gate
driver is in source condition.
The threshold voltage VSCd can be programmed in four steps between 0.5 V and 2 V via
SPI.
2.12.2
Drain-source monitoring in OFF state (open-load / short-circuit
detection)
In Active Mode, each gate driver sources a current of typ. 500 µA at the SHx pins in OFF
condition. By programming the ISTEST(x) bits to "1", a sink current of typ. 800 µA is applied
to the corresponding pin.
By using these internal test currents, an open load, a leakage to GND or to battery can be
detected on each motor phase in OFF state, i.e. without turning on the external MOSFETs.
If the ISTEST_EN bit is set to "1", the drain-source voltage monitoring is enabled also in
OFF condition and the Status Register 7 reflects the result of the voltage comparison (i.e.
drain-source voltage below or above the programmed threshold) in real time (i.e. the status
bits are not latched) and without setting the FE bit in the Global Status Byte. See
Section 2.18: Diagnostics
for more details about diagnostics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com