Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99ASC03G Datasheet(PDF) 61 Page - STMicroelectronics

Part # L99ASC03G
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03G Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L99ASC03G Datasheet HTML 57Page - STMicroelectronics L99ASC03G Datasheet HTML 58Page - STMicroelectronics L99ASC03G Datasheet HTML 59Page - STMicroelectronics L99ASC03G Datasheet HTML 60Page - STMicroelectronics L99ASC03G Datasheet HTML 61Page - STMicroelectronics L99ASC03G Datasheet HTML 62Page - STMicroelectronics L99ASC03G Datasheet HTML 63Page - STMicroelectronics L99ASC03G Datasheet HTML 64Page - STMicroelectronics L99ASC03G Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
DocID029080 Rev 2
61/70
L99ASC03G
ST-SPI Protocol
69
4.4.8
Device Control Register 7
Device Control Register 7
Address:
0x7
Type:
R/W
7
6543210
Bit name
HOFFCONT
CCT(2)
CCT(1)
CCT(0)
CPLOWM
ISTEST(3)
ISTEST(2)
ISTEST(1)
Default values
0
1111000
Bit Bit description
[7] HOFFCONT: HARDOFF control
0: the full current discharge capability is activated when programmed cross-current time has
elapsed
1: the full current discharge capability is activated upon the turn-on command of the
complementary switch
[6:4] CTT: cross-current time.
See Table 18: Gate driver for external MOSFET
[3] CPLOWM: charge pump undervoltage monitoring
0: in case of charge pump undervoltage, only the CPLOW flag is set (global warning reported)
1: in case of charge pump undervoltage, the gate drivers are deactivated (functional error
reported)
[2] ISTEST(3): sink current enable (used for open-load and short-circuit test)
0: disabled
1: sink current at SH3
[1] ISTEST(2): sink current enable (used for open-load and short-circuit test)
0: disabled
1: sink current at SH2
[0] ISTEST(1): sink current enable (used for open-load and short-circuit test)
0: disabled
1: sink current at SH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com