Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99ASC03G Datasheet(PDF) 35 Page - STMicroelectronics

Part # L99ASC03G
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03G Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L99ASC03G Datasheet HTML 31Page - STMicroelectronics L99ASC03G Datasheet HTML 32Page - STMicroelectronics L99ASC03G Datasheet HTML 33Page - STMicroelectronics L99ASC03G Datasheet HTML 34Page - STMicroelectronics L99ASC03G Datasheet HTML 35Page - STMicroelectronics L99ASC03G Datasheet HTML 36Page - STMicroelectronics L99ASC03G Datasheet HTML 37Page - STMicroelectronics L99ASC03G Datasheet HTML 38Page - STMicroelectronics L99ASC03G Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
DocID029080 Rev 2
35/70
L99ASC03G
Electrical specifications
69
VDDso,max
Maximum VDD output voltage
at regulator turn-on
CCER = 680 nF; CELE =47 µF;
I(VDD) = 10 mA. Internal soft-
start function
5.3
V
PSRR(1)
Power supply rejection ratio
(specified by design)
Vr =0.5 Vpp; fr =100 Hz;
CCER = 680 nF
60
dB
1. Guaranteed by design.
Table 14. Voltage regulator VDD (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 15. NRES reset output (VDD supervision), NINT
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VRT1
VDD reset threshold 1
VDD increasing; VDD_VTH = 0
3.55
3.7
3.85
V
VDD decreasing; VDD_VTH = 0 3.15
3.3
3.45
V
VRT1H
VDD reset threshold 1
hysteresis
0.4
V
VRT2
VDD reset threshold 2
VDD increasing; VDD_VTH = 1
4.45
4.65
4.8
V
VVDD decreasing;
VDD_VTH =1
4.4
4.6
4.75
V
VRT2H
VDD reset threshold 2
hysteresis
0.06
V
VRESETL NRES pin low output voltage VDD >1V; IRESET =1mA
0.2
0.4
V
RRESET
NRES pull up internal
resistor
60
110
204
k
tRR
NRES reaction time
At ILOAD = 1 mA
20
µs
tRP
NRES pulse time
1.7
2
3.5
ms
tVDDoff VDD turn-off time
200
ms
tVDDUV VDD undervoltage filter time
13
28
µs
tNINT
NINT pulse time
56
µs
Table 16. Watchdog
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tLOW
Long open window
48
65
70
ms
tCW
Closed window
2.6
4.7
ms
tWDP
Watchdog period
16
23
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com