Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99ASC03G Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99ASC03G
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03G Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99ASC03G Datasheet HTML 21Page - STMicroelectronics L99ASC03G Datasheet HTML 22Page - STMicroelectronics L99ASC03G Datasheet HTML 23Page - STMicroelectronics L99ASC03G Datasheet HTML 24Page - STMicroelectronics L99ASC03G Datasheet HTML 25Page - STMicroelectronics L99ASC03G Datasheet HTML 26Page - STMicroelectronics L99ASC03G Datasheet HTML 27Page - STMicroelectronics L99ASC03G Datasheet HTML 28Page - STMicroelectronics L99ASC03G Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
DocID029080 Rev 2
25/70
L99ASC03G
Device description
69
2.18
Diagnostics
All diagnostic functions are internally filtered and each fault/warning condition has to be
valid for a defined time before the corresponding status bit is set in the status register. The
filters are used to improve the noise immunity of the device. Several error types and
warnings can be distinguished. All errors and warnings are reported in the corresponding
status bits and are mirrored in the associated bits of the Global Status Byte (GSB).
The device reacts to several error types by changing its state. The different error types
can be grouped as follows:
fail-safe errors (mirrored in the FS bit of the GSB)
device errors (mirrored in the DE bit of the GSB)
functional errors (mirrored in the FE bit of the GSB)
physical-layer errors (mirrored in the PLE bit of the GSB)
SPI errors (mirrored in the SPIE bit of the GSB)
In order for the device to recover from an error condition, the error itself must be removed
and the associated status bit in the device has to be cleared via SPI by a “Read & Clear”
command.
Warning functions are intended only for information and will not change the state of the
device. Warnings are mirrored in the GW bit of the GSB. To clear a warning, the source of
the warning must be removed and the associated flag has to be cleared via SPI by a “Read
& Clear” command.
Table 5. Diagnostics overview
Source
Cause
Event type
Diagnosis
Device action
Clear error /
warning flag
MCU
Watchdog not
triggered or
triggered out of the
open window
FS (FS = 1 in the
GSB)
FSWD = 1;
Watchdog fail
counter WDF>0
– NRES asserted low
– Gate drivers
actively discharged;
charge pump, CSA
and BEMF module
OFF
– Control registers
(except Control
Register 1 and
DSFT_DIS) reset to
default value
– After NRES is
released,
write
WDTRIG = 1
during
watchdog
long open
window to
reset WDF
counter bits
– Read & Clear
FSWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com