Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA803D Datasheet(PDF) 50 Page - STMicroelectronics

Part # FDA803D
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D Datasheet(HTML) 50 Page - STMicroelectronics

Back Button FDA803D Datasheet HTML 46Page - STMicroelectronics FDA803D Datasheet HTML 47Page - STMicroelectronics FDA803D Datasheet HTML 48Page - STMicroelectronics FDA803D Datasheet HTML 49Page - STMicroelectronics FDA803D Datasheet HTML 50Page - STMicroelectronics FDA803D Datasheet HTML 51Page - STMicroelectronics FDA803D Datasheet HTML 52Page - STMicroelectronics FDA803D Datasheet HTML 53Page - STMicroelectronics FDA803D Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
Additional features
FDA803D
50/78
DocID031487 Rev 2
Please note that, by limiting the PWM duty cycle, a limitation of the output power occurs: the
output power in case of usage of LRF function decreases about 10 % @ 1 % THD.
12.2
Noise gating
Noise gating is an automatic noise reduction feature that activates when output signal
reaches not audible levels.
When input signal levels falls below -109 dBFs, the system activity is automatically
optimized in order to exploit very low noise level on the output speakers.
The noise gating process has a 500 ms watching time before turning on, in order to avoid
spurious activations.
The feature is enabled by default and can be disabled selecting IB3[1].
12.3
Dither PWM
The device implements a function, Dither PWM, which can be enabled through I2C bus by
setting IB1[2].
The main target of this feature is to improve the EMC performances in the range [10 –
30 MHz], especially in MUTE condition.
The function consists in modulating the period of the output PWM. The function doesn’t
affect the average PWM frequency.
The modulation pattern is repeated every 8 PWM clock cycles, in order to avoid introducing
significant noise in the audio bandwidth.
A qualitative example of the function operation is depicted in Figure 62.
Figure 62. Dither PWM effect on output PWM
Note:
The use of this function is suggested only with In Phase modulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com