Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA803D Datasheet(PDF) 41 Page - STMicroelectronics

Part # FDA803D
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D Datasheet(HTML) 41 Page - STMicroelectronics

Back Button FDA803D Datasheet HTML 37Page - STMicroelectronics FDA803D Datasheet HTML 38Page - STMicroelectronics FDA803D Datasheet HTML 39Page - STMicroelectronics FDA803D Datasheet HTML 40Page - STMicroelectronics FDA803D Datasheet HTML 41Page - STMicroelectronics FDA803D Datasheet HTML 42Page - STMicroelectronics FDA803D Datasheet HTML 43Page - STMicroelectronics FDA803D Datasheet HTML 44Page - STMicroelectronics FDA803D Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
DocID031487 Rev 2
41/78
FDA803D
Diagnostic
77
11.4
Open load in play detector
Open load in play detector aim is to detect the possible speaker detachment during PLAY
state.
The innovative internal architecture allows to detect an open load condition taking
advantage of the audio signal itself, guaranteeing high detection reliability without requiring
a dedicated test signal.
11.4.1
Open load in play detector operation overview
The open load in play detection consists in one single shot test, which can be repeated
according to user need.
The test firstly checks the audio signal characteristics. If the audio signal is judged good
enough to provide a reliable result, the test result is valid. Otherwise, if the audio signal
doesn't allow to perform a reliable detection, the test result is not valid and the user needs to
repeat the test.
During the same evaluation time window, an internal circuit measures the differential current
flowing through the pins OUTP and OUTM. The test consequently evaluates both the digital
input signal and the output current, monitoring the average load impedance over time.
If the test result is valid and the average load impedance exceeds the chosen impedance
threshold, the device communicates that the load is not connected. Otherwise, if the test
result is valid and the average load impedance is lower than the chosen threshold, the
device communicates that the load is connected.
11.4.2
Processing bandwidth range
The feature requires an accurate measurement of the current flowing through the speaker.
The filter capacitors behave like an undesired load connected in parallel with the speaker,
altering the current measurement. However, this undesired contribution is significant only in
the high frequency range of the audio bandwidth.
On the other side, the most of the audio signal energy is distributed in the midde-low
frequency range of the audio bandwidth.
Due to the mentioned reasons, Open Load in Play Detector processes the audio bandwidth
up to 2kHz approximately, in order to guarantee a highly reliable solution without affecting
the rate of valid tests.
Please note that the processing bandwidth limitation does not affect the main signal path
from digital input signal to output voltage on FBP and FBM pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com