Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA803D Datasheet(PDF) 37 Page - STMicroelectronics

Part # FDA803D
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D Datasheet(HTML) 37 Page - STMicroelectronics

Back Button FDA803D Datasheet HTML 33Page - STMicroelectronics FDA803D Datasheet HTML 34Page - STMicroelectronics FDA803D Datasheet HTML 35Page - STMicroelectronics FDA803D Datasheet HTML 36Page - STMicroelectronics FDA803D Datasheet HTML 37Page - STMicroelectronics FDA803D Datasheet HTML 38Page - STMicroelectronics FDA803D Datasheet HTML 39Page - STMicroelectronics FDA803D Datasheet HTML 40Page - STMicroelectronics FDA803D Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
DocID031487 Rev 2
37/78
FDA803D
Diagnostic
77
At the end of the diagnostic cycle the "Start Diag DC" instruction bit is reset to '0' by the
device itself, and the "open load" or "short load" messages respectively will be displayed on
I2C data bits.
If "Start Diag DC" bit is set to '1' while the channel is not in "MUTE" state, (for example:
"PLAY" state or "Eco-mode" state), the channel will perform the diagnostic as soon as it
enters in "MUTE" state.
If the amplifier channel is in "Eco-mode" and I2C instructions for PWM ON + DIAG DC +
PLAY are given at the same time the channel will perform the following sequence
automatically:
1.
turn on power stage
2.
perform DC diagnostic
3.
enter PLAY mode
DC diagnostic must be performed only with PWM "In phase" modulation, in order to avoid
pop noise. "Out phase" modulation, if desired, must be selected after DC diagnostic
execution.
11.1.2
Relation with short circuit protection activation
After a short circuit protection intervention amplifier is set automatically in a protected status
during which "Short to Vcc/Gnd" diagnostic is performed.
At the end of "Short to Vcc/Gnd" diagnostic, if no shorts to Vcc/Gnd are present on the
outputs, the amplifier will run DC diagnostic only if the corresponding "Start Diag DC" bit is
set to "1". Otherwise the amplifier will go back to the state preceding the short circuit
protection intervention without performing diagnostic cycles.
After the diagnostic completion "Start Diag DC" bit is set back to "0" by the amplifier.
11.1.3
Load range
The thresholds for short load detection and open load detection can be configured through
IB10[7,6]. Including the tolerance, the impedance values to be considered are reported in
Figure 46.
Figure 46. Load range detection configured properly setting IB5 d7-d6
The DC diagnostic pulse has a configurable time duration: for detailed timings definition,
please refer to the DC Diagnostic user manual.
The DC diagnostic result is provided on I2C register DB2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com