Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA803D Datasheet(PDF) 43 Page - STMicroelectronics

Part # FDA803D
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D Datasheet(HTML) 43 Page - STMicroelectronics

Back Button FDA803D Datasheet HTML 39Page - STMicroelectronics FDA803D Datasheet HTML 40Page - STMicroelectronics FDA803D Datasheet HTML 41Page - STMicroelectronics FDA803D Datasheet HTML 42Page - STMicroelectronics FDA803D Datasheet HTML 43Page - STMicroelectronics FDA803D Datasheet HTML 44Page - STMicroelectronics FDA803D Datasheet HTML 45Page - STMicroelectronics FDA803D Datasheet HTML 46Page - STMicroelectronics FDA803D Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image
DocID031487 Rev 2
43/78
FDA803D
Diagnostic
77
Please note that an exact value of impedance can be defined only in case of an ideal
sinusoid at a fixed frequency. In case of a generic audio signal, the overall complex
impedance vs frequency characteristic of the speaker is involved.
11.4.5
I2C control and timing
The user must set IB3[0] in order to start the open load in play detection.
Once the test is started, the internal circuits required for the detection are turned on,
requiring a settling time lasting approximately 500 ms.
When the internal circuits are ready to work, both digital input signal and output current
measurement start being evaluated, following the impedance threshold set through IB10[6].
Depending on the audio signal characteristics, the evaluation can last from 300 ms to 1 s
approximately.
At the end of the evaluation, the device:
Sets DB0[2]='1' to communicate that the test ended successfully, and resets IB3[0]
allowing the user to perform another test afterwards
Sets DB0[1]='1' to communicate that the test result is valid, otherwise sets DB0[1]='0' to
communicate that the test result is not valid.
Sets DB0[0]='1' to communicate that an open load has been detected, otherwise sets
DB0[0]='0' to communicate that an open load has not been detected.
Please note that the value on DB0[0] is significant only if the test result is valid.
If the test ends successfully but the result is not valid, the user must repeat the test. This
condition happens when the audio signal is not good enough for a reliable detection.
The detection timings are represented in Figure 54:
Figure 54. Open load in play detector timing
If the device FSM moves from PLAY to another state during the open load in play detection
routine, the test ends unsuccessfully by keeping the flag DB0[2] clear. The device
automatically resets IB3[0] allowing the user to repeat the test.
11.5
Input offset detector
Input offset detector aim is to detect an offset coming from the audio signal source through
I2S/TDM input stream.
For this purpose, the feature evaluates the input offset through a low-pass filter, which is
compared with a threshold equal to -18dBFs. If the measured offset exceeds the threshold,
Input Offset Detector sets the flag DB0[7] to '1'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com