Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA803D Datasheet(PDF) 33 Page - STMicroelectronics

Part # FDA803D
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D Datasheet(HTML) 33 Page - STMicroelectronics

Back Button FDA803D Datasheet HTML 29Page - STMicroelectronics FDA803D Datasheet HTML 30Page - STMicroelectronics FDA803D Datasheet HTML 31Page - STMicroelectronics FDA803D Datasheet HTML 32Page - STMicroelectronics FDA803D Datasheet HTML 33Page - STMicroelectronics FDA803D Datasheet HTML 34Page - STMicroelectronics FDA803D Datasheet HTML 35Page - STMicroelectronics FDA803D Datasheet HTML 36Page - STMicroelectronics FDA803D Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
DocID031487 Rev 2
33/78
FDA803D
Hardware mute pin
77
9
Hardware mute pin
The pin "HWMute" (pin 30) acts as mute command for the channel. The device is muted
when this pin is low, while it is in play when this pin is high (low/high threshold in Table 5:
Electrical characteristics).
Inside the device, connected to this pin a pull-up current generator puts the device in play if
left floating. An internal clamp limits the Mute pin voltage. If not used, this pin should remain
floating.
To drive the Mute pin to get a hardware mute an external pull-down open drain is needed.
(See Figure 44), RMute must be < 60 kΩ
Figure 44. HWMute pin schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com