Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA803D Datasheet(PDF) 60 Page - STMicroelectronics

Part # FDA803D
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D Datasheet(HTML) 60 Page - STMicroelectronics

Back Button FDA803D Datasheet HTML 56Page - STMicroelectronics FDA803D Datasheet HTML 57Page - STMicroelectronics FDA803D Datasheet HTML 58Page - STMicroelectronics FDA803D Datasheet HTML 59Page - STMicroelectronics FDA803D Datasheet HTML 60Page - STMicroelectronics FDA803D Datasheet HTML 61Page - STMicroelectronics FDA803D Datasheet HTML 62Page - STMicroelectronics FDA803D Datasheet HTML 63Page - STMicroelectronics FDA803D Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
I2C bus interface
FDA803D
60/78
DocID031487 Rev 2
14.7
I2C timing
This paragraph describes more in detail the I2C bus protocol used and its timings.
Please refer to Table 12 and Figure 72 below.
Figure 72. I2C bus interface timing
Table 12. I2C bus interface timing
Symbol
Parameter
Min
Max
Unit
Fscl
SCL (clock line) frequency
-
400
kHz
Tscl
SCL period
2500
-
ns
Tsclh
SCL high time
0.6
-
μs
Tscll
SCL low time
1.3
-
μs
Tsstart
Setup time for start condition
0.6
-
μs
Thstart
Hold time for start condition
0.6
-
μs
Tsstop
Setup time for stop condition
0.6
-
μs
Tbuf
Bus free time between a stop and a start condition
1.3
-
μs
Tssda
Setup time for data line
100
-
ns
Thsda
Hold time for data line
0(1)
1. Device must internally provide a hold time of at least 300 ns for the SDA signal to bridge the undefined
region of the falling edge of SCL.
-ns
Tf
Fall time for SCL and SDA
-
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com