Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA803D Datasheet(PDF) 42 Page - STMicroelectronics

Part # FDA803D
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D Datasheet(HTML) 42 Page - STMicroelectronics

Back Button FDA803D Datasheet HTML 38Page - STMicroelectronics FDA803D Datasheet HTML 39Page - STMicroelectronics FDA803D Datasheet HTML 40Page - STMicroelectronics FDA803D Datasheet HTML 41Page - STMicroelectronics FDA803D Datasheet HTML 42Page - STMicroelectronics FDA803D Datasheet HTML 43Page - STMicroelectronics FDA803D Datasheet HTML 44Page - STMicroelectronics FDA803D Datasheet HTML 45Page - STMicroelectronics FDA803D Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image
Diagnostic
FDA803D
42/78
DocID031487 Rev 2
11.4.3
Audio signal evaluation
The audio signal is considered a good test signal if its amplitude allows the internal circuits
to perform accurate measurements. In particular, Open Load in Play Detector processes the
audio signal only if its amplitude exceeds the values expressed in Table 9:
The audio signal is unknown and not stationary, while the speaker has a complex
impedance. Open Load in Play Detector evaluates the audio signal for a time window lasting
up to 1s in order to properly average the data over time. The detection is considered valid if,
during the evaluation time window, the input audio signal exceeds for 300ms the thresholds
reported in Table 9.
11.4.4
Impedance threshold
Open Load in Play Detector includes two different impedance thresholds which can be
configured through IB10[6] and which depend also on gain setting through IB6[4]. Their
value has been calibrated in the following conditions:
ideal sinusoidal signal,
absence of external disturbances.
The uncertainly on audio signal characteristics and on external disturbances requires to
keep proper tolerances. The guaranteed thresholds are reported in Figure 52 and in
Figure 53:
Figure 52. Open load in play detector guaranteed thresholds with standard gain
setting
Figure 53. Open load in play detector guaranteed thresholds with low gain setting
Table 9. Open load in play detector impedance and validity thresholds
Open load impedance threshold
Digital input signal amplitude threshold
25 Ω (IB10[6]=’0’)
67 mFs
15 Ω (IB10[6]=’1’)
40 mFs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com