Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA803D Datasheet(PDF) 70 Page - STMicroelectronics

Part # FDA803D
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D Datasheet(HTML) 70 Page - STMicroelectronics

Back Button FDA803D Datasheet HTML 66Page - STMicroelectronics FDA803D Datasheet HTML 67Page - STMicroelectronics FDA803D Datasheet HTML 68Page - STMicroelectronics FDA803D Datasheet HTML 69Page - STMicroelectronics FDA803D Datasheet HTML 70Page - STMicroelectronics FDA803D Datasheet HTML 71Page - STMicroelectronics FDA803D Datasheet HTML 72Page - STMicroelectronics FDA803D Datasheet HTML 73Page - STMicroelectronics FDA803D Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 78 page
background image
I2C register
FDA803D
70/78
DocID031487 Rev 2
15.2
Data bytes - “I01xxxxx”
Legend:
Type "S/C": the hardware can only set the flag. An I2C reading operation clears the
flag.
Type "SR/C": the hardware can set or reset the flag. An I2C reading operation clears
the flag.
Type "SR": the hardware can set or reset the flag. An I2C reading operation doesn't
affect the flag.
Table 28. DB0-ADDR: “I0100000”
Data bit
Type
Definition
D7
S/C
0 – Offset at input not present
1 – Offset at input present
D6
SR/C
0 – Output Current offset not valid
1 – Output Current offset valid
D5
SR/C
0 – Output Current offset not present
1 – Output Current offset present
D4
S/C
Reserved
D3
S/C
0 – Output Voltage offset not present
1 – Output Voltage offset present
D2
SR/C
0 – Open Load in Play test not ended
1 – Open Load in Play test ended
D1
SR/C
0 – Open Load in Play test input signal not valid
1 – Open Load in Play test input signal valid
D0
SR/C
0 – Open Load in Play not detected
1 – Open Load in Play detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com