Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9177 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 41Page - STMicroelectronics L9177 Datasheet HTML 42Page - STMicroelectronics L9177 Datasheet HTML 43Page - STMicroelectronics L9177 Datasheet HTML 44Page - STMicroelectronics L9177 Datasheet HTML 45Page - STMicroelectronics L9177 Datasheet HTML 46Page - STMicroelectronics L9177 Datasheet HTML 47Page - STMicroelectronics L9177 Datasheet HTML 48Page - STMicroelectronics L9177 Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
Application circuit
L9177
46/49
DocID17617 Rev 1
6.1
Bill of material
Table 35. Bill of material
Block
Component
Name
Usage
Min
Typ
Max
Unit
Supply
Capacitor
C1VB_MAIN
Bulk capacitor
220
μF
Diode
D1
Reverse polarization
protection diode
Key
Resistor
R_Key
Current limiting resistor
20
kΩ
Rext
Resistor
R_ext
Pull-up resistor
10 1%
kΩ
Reset
Resistor
R_reset
Pull-up resistor
1
kΩ
Vdd
Capacitor
C_Vdd value
Output capacitor (Ceramic
or Tantalum)
4.7
60
μF
C_Vdd ESR
1.5
Ω
Vdd_trk
Capacitor
C_Vtrk value
Output capacitor
2.2
100
μF
C_Vtrk ESR
10
100
mΩ
Vdd_sby
Capacitor
C_Vdd_stby
value
Output capacitor
110
μF
C_Vdd_stby
ESR
200
mΩ
VRS
Capacitor
C_VRS+_in
Filter Capacitor
100
pF
VRS
Capacitor
C_VRS-_in
Filter Capacitor
100
pF
VRS
Capacitor
C_VRS+_out
Filter Capacitor
470
pF
VRS
Capacitor
C_VRS-_out
Filter Capacitor
470
pF
VRS
Resistor
R_VRS+
Current limiting resistor
10
kΩ
VRS
Resistor
R_VRS-
Current limiting resistor
10
kΩ
VRS
Capacitor
CF_1
Filter Capacitor
470
pF
VRS
Capacitor
CF_2
Filter Capacitor
100
nF
VRS
Resistor
RF_1
Filter resistor
33
kΩ
VRS
Resistor
RF_2
Filter resistor
33
kΩ
VRS
Resistor
R_VROUT
Pull-up resistor
10
kΩ
K-Line
Resistor
RX pull-up
Pull-up resistor
2
kΩ
Stepper
Capacitor
OUTA
EMI filter capacitor
10
nF
Stepper
Capacitor
OUTB
EMI filter capacitor
10
nF
Stepper
Capacitor
OUTC
EMI filter capacitor
10
nF
Stepper
Capacitor
OUTD
EMI filter capacitor
10
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com