Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9177 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 8Page - STMicroelectronics L9177 Datasheet HTML 9Page - STMicroelectronics L9177 Datasheet HTML 10Page - STMicroelectronics L9177 Datasheet HTML 11Page - STMicroelectronics L9177 Datasheet HTML 12Page - STMicroelectronics L9177 Datasheet HTML 13Page - STMicroelectronics L9177 Datasheet HTML 14Page - STMicroelectronics L9177 Datasheet HTML 15Page - STMicroelectronics L9177 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Electrical specifications
L9177
12/49
DocID17617 Rev 1
3.3
Latch-up test
According to JEDEC 78 class 2 level A.
3.4
Temperature ranges and thermal data
3.5
Electrical characteristics
VB = 6 V to 18 V, Tamb = -40 °C to 125 °C.
3.5.1
Supply
Table 5. ESD protection
Item
Condition
Min
Max
Unit
All pins (1)
1. Except:
OUTA-D, TACH, O2H, LAMP, INJ1-2, REL1-2-3 vs. GNDP1:-1 / 1 kV
OUTA-D, TACH, O2H, LAMP, INJ1-2, REL1-2-3 vs. GNDP2, GNDO2:-1.5 / 1.5 kV
HBM
-2
2
kV
All pins
MM
-200
200
V
All pins
CDM (values for corner pins in brackets) -500 / (-750) 500 / (750)
V
Pins to connector (2)
2. Pins are OUTA-D, TACH, O2H, LAMP, INJ1-2, KEY, REL1-2-3,VB,KL_LINE, VDD_TRK all GND connected
together. The device is AEC-Q100 compliant.
HBM
-4
4
kV
Table 6. Temperature ranges and thermal data
Symbol
Parameter
Min
Max
Unit
Tamb
Operating temperature (ECU environment)
-40
125
°C
Tj
Operating junction temperature
-40
150
°C
Tstg
Storage temperature
-40
150
°C
Tot
Thermal shut-down temperature
155
200
°C
OThys
Thermal shut-down temperature hysteresis
10
°C
RTh j-amb
Thermal resistance junction-to-ambient(1)
1. with 2s2p PCB thermally enhanced.
16
°C/W
RTh j-case
Thermal resistance junction-to-case
2
°C/W
Table 7. Supply electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VB
Operating supply voltage range
-
6
-
18
V
VB_off
Vbat switch off threshold voltage
-
30
32
34
V
VB OVh
Overvoltage threshold hysteresis -
0.5
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com