Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9177 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 13Page - STMicroelectronics L9177 Datasheet HTML 14Page - STMicroelectronics L9177 Datasheet HTML 15Page - STMicroelectronics L9177 Datasheet HTML 16Page - STMicroelectronics L9177 Datasheet HTML 17Page - STMicroelectronics L9177 Datasheet HTML 18Page - STMicroelectronics L9177 Datasheet HTML 19Page - STMicroelectronics L9177 Datasheet HTML 20Page - STMicroelectronics L9177 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
DocID17617 Rev 1
17/49
L9177
Electrical specifications
48
3.5.8
Standby regulator
Figure 8. 5 V standby regulator block diagram
Table 14. VDD_SB output electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Vddsb
Output voltage
-
4.75
5
5.25
V
Ln_vsb
Line regulation
VB =6 V to 18 V
Iload = 1 mA
-25
-
25
mV
Ld_vsb
Load regulation
VB =13 V
Iload = 0.1 mA to 2.5 mA
-25
-
25
mV
Vdd_OS
Max overshoot
-
-
-
5.5
V
Idd
Load current
-
0.1
-
2.5
mA
Isb_max
Current limitation
Output short to 4 V
5
-
50
mA
Vsb_SR
Voltage slew-rate at
power on
Cload = 1 μF
2
-
30
V/ms
PSRR
Power supply rejection
ratio
Sin wave @ 1 kHz 1V pp
VB = 13 V
Iload = 0.1 to 1 mA
40
-
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com