Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9177 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 16Page - STMicroelectronics L9177 Datasheet HTML 17Page - STMicroelectronics L9177 Datasheet HTML 18Page - STMicroelectronics L9177 Datasheet HTML 19Page - STMicroelectronics L9177 Datasheet HTML 20Page - STMicroelectronics L9177 Datasheet HTML 21Page - STMicroelectronics L9177 Datasheet HTML 22Page - STMicroelectronics L9177 Datasheet HTML 23Page - STMicroelectronics L9177 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Electrical specifications
L9177
20/49
DocID17617 Rev 1
3.5.11
Relay drivers
3.5.12
Lamp driver
Table 17. Relay driver characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Imax
Output current
-
-
-
1
A
I_oc
Overcurrent threshold
-
1.2
-
2.5
A
VDS
Output clamping voltage
I = 1 A
40
-
50
V
Ron
On resistance
I = 1 A
-
-
1.5
Ilk_off
Leakage current
Vout = 18 V, diagnosis OFF
-
-
10
μA
Ilk_on
Leakage current
Vout = 18 V, diagnosis ON
-
-
100
μA
ton_off
Turn on-off delay
From CMD (serial or
parallel) rising edge
--
6
μs
VOL
Open load output voltage Driver in OFF condition
0.46*VDD
0.5*VDD
0.54*VDD
V
Vdiagth_H(1) Diagnostic high threshold Driver in OFF condition
0.54*VDD
0.6*VDD
0.66*VDD
V
Vdiagth_L(1) Diagnostic low threshold Driver in OFF condition
0.36*VDD
0.4*VDD
0.44*VDD
V
1. Vdiagth_L<Vout<Vdiagth_H  Open Load; Vout<Vdiagth_L  Short to GND
Table 18. Lamp driver characteristics
Symbol
Parameter
Condition
Min
Typ
Max
unit
ILI
Linear current limitation
-
2
-
4
A
Ioc
Overcurrent threshold
Masked for lamp driver
during in-rush
1.2
-
2.4
A
tdgmsk
Diagnosis masking time
Guaranteed by scan
2
-
5
ms
VDS
Output clamping voltage
I = 200 mA
40
-
50
V
Ron
On resistance
I = 200 mA
-
-
1.5
Ilk_off
Leakage current
Vout = 18 V, diagnosis OFF
-
-
10
μA
Ilk_on
Leakage current
Vout = 18 V, diagnosis ON
-
-
100
μA
ton_off
Turn on-off delay
From SPI CS rising edge
-
-
6
μs
VOL
Open load output voltage Driver in OFF condition
0.46*VDD
0.5*VDD
0.54*VDD
V
Vdiagth_H(1) Diagnostic high threshold Driver in OFF condition
0.54*VDD
0.6*VDD
0.66*VDD
V
Vdiagth_L(1) Diagnostic low threshold
Driver in OFF condition
0.36*VDD
0.4*VDD
0.44*VDD
V
1. Vdiagth_L<Vout<Vdiagth_H  Open Load; Vout<Vdiagth_L  Short to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com