Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9177 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 11Page - STMicroelectronics L9177 Datasheet HTML 12Page - STMicroelectronics L9177 Datasheet HTML 13Page - STMicroelectronics L9177 Datasheet HTML 14Page - STMicroelectronics L9177 Datasheet HTML 15Page - STMicroelectronics L9177 Datasheet HTML 16Page - STMicroelectronics L9177 Datasheet HTML 17Page - STMicroelectronics L9177 Datasheet HTML 18Page - STMicroelectronics L9177 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
DocID17617 Rev 1
15/49
L9177
Electrical specifications
48
Figure 5. 5 V main regulator block diagram
3.5.6
Reset
Figure 6. Reset
Table 12. Reset function electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VUV_LO
Output low voltage
1 < Vdd< Vth_UV,
Ireset = 2 mA
-
-
0.6
V
IUV_LO
Reset current capability
1 < Vdd < Vth_UV,
Vreset = 0.6 V
2-
-
mA
Ilk
Leakage current
VUV_reset = 4.5 V
-
-
1
μA
Vth_UV
Vdd under voltage low
threshold
VB = 13.5 V
4.5
-
Vdd -
150 mV
V
Vth_UV Tht
Vdd under voltage high
threshold
-
4.5
-
Vdd -
50 mV
V
Vth_UV HYS
Vdd under voltage
hysteresis
-50
-
-
mV
Td_UV_ rst
Power on UV reset delay -
17
22
30
ms
TfUV_reset
UV reset filter
Vdd< Vth_UV
25
50
75
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com