Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9177 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 37Page - STMicroelectronics L9177 Datasheet HTML 38Page - STMicroelectronics L9177 Datasheet HTML 39Page - STMicroelectronics L9177 Datasheet HTML 40Page - STMicroelectronics L9177 Datasheet HTML 41Page - STMicroelectronics L9177 Datasheet HTML 42Page - STMicroelectronics L9177 Datasheet HTML 43Page - STMicroelectronics L9177 Datasheet HTML 44Page - STMicroelectronics L9177 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
DocID17617 Rev 1
41/49
L9177
Functional description
48
4.6.3
Auto-adaptative time filter
This characteristic is useful to set the best internal filter time in function of the input signal
frequency.
Tfilter time is function of the duration of the previous period Tn according to following
formula:
Tfilter(n+1) = 1/32*Tn if Tn > Tfilter(n)
The filtering time purpose is filtering very short spikes.
The digital filtering time is applied to internal squared signal (int_vrs), obtained by voltage
comparators.
The output of time filtering block is out_vrs signal.
The filtering time Tfilter is applied to int_vrs signal in two different way:
Rising edge: if int_vrs high level lasts less than Tfilter out_vrs is not set to high level.
In absence of any spikes during input signal rising edge out_vrs signal is expected with
a delay of Tfilter time.
Falling edge: the falling edge of int_vrs is not delayed through time filtering block: after
falling edge for a time Tfilter any other transition on int_vrs signal is ignored
The initial value (Default) and maximum for Tfilter must be considered at RPM_min = 20 e.g.
Tmax filter = 180 μs. The minimum available value is Tmin filter = 2.8 μs.
Figure 33. Auto-adaptative time filter behaviour 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com