Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9177 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 10Page - STMicroelectronics L9177 Datasheet HTML 11Page - STMicroelectronics L9177 Datasheet HTML 12Page - STMicroelectronics L9177 Datasheet HTML 13Page - STMicroelectronics L9177 Datasheet HTML 14Page - STMicroelectronics L9177 Datasheet HTML 15Page - STMicroelectronics L9177 Datasheet HTML 16Page - STMicroelectronics L9177 Datasheet HTML 17Page - STMicroelectronics L9177 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Electrical specifications
L9177
14/49
DocID17617 Rev 1
3.5.3
Digital pins
3.5.4
Digital output pins
3.5.5
5 V voltage regulator
Table 9. Digital pins characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Vin_L
Input level threshold low
-
0.3*Vdd
-
-
V
Vin_H
Input level threshold high
-
-
-
0.7*Vdd
V
Vhin
Input voltage hysteresis
-
0.1
-
-
V
R_pull
Internal pull-down/pull-up(1)
-
50
150
250
k
I_pull_down Active pull-down
-
10
-
100
μA
1. Pins with pull-up: SI, SCK, CS, KL-TX;
Pins with pull-down: EN, PWM, ISL-TACH, INO2H, IN_REL1-2, IN1-2;
Pins with active pull-down: DIR.
Table 10. Digital output pins characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Output level low
Isink = 2mA
-
-
0.4
V
Output level high
Isource = 2mA(1)
Vdd-0.5
-
-
V
1. Pins with open drain output: RESET, VROUT;
Pins with push-pull stage and tri-state condition: SDO
Table 11. VDD output electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Vdd
Output voltage
-
4.9
5
5.1
V
Ln_vdd
Line regulation
VB = 6 V to 18 V
Iload = 150 mA
-25
-
25
mV
Ld_vdd
Load regulation
VB = 13 V
Iload = 5 mA to 300 mA
-25
-
25
mV
Vdd_OS
Max overshoot
Recovery from ISO pulse stimuli on
battery line (guaranteed by design)
-
-
5.5
V
Vdd_SR
Voltage slew-rate at power-
on
Cload = 4.7 μF
2
-
25
V/ms
Idd
Load current
-
5
-
300
mA
Idd_max
Current limitation
Output short to 4 V
350
-
600
mA
Idd_STG
Short to ground current
limitation
Output shorted to GND
350
-
700
mA
PSRR
Power supply rejection ratio
Sin wave @ 1 kHz 1V pp VB = 13 V
Iload = 5 mA to 300 mA
40
-
-
dB
Vdr5
VB - Vdd - Vdd dropout
voltage
VB = 5 V Iload = 300 mA
0.30
-
0.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com