Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9177 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 22Page - STMicroelectronics L9177 Datasheet HTML 23Page - STMicroelectronics L9177 Datasheet HTML 24Page - STMicroelectronics L9177 Datasheet HTML 25Page - STMicroelectronics L9177 Datasheet HTML 26Page - STMicroelectronics L9177 Datasheet HTML 27Page - STMicroelectronics L9177 Datasheet HTML 28Page - STMicroelectronics L9177 Datasheet HTML 29Page - STMicroelectronics L9177 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Electrical specifications
L9177
26/49
DocID17617 Rev 1
Figure 15. K-line block diagram
K_LINE
IKshort
Transmitter short
circuit current
KL_LINE = VB, KL_TX =
Low
60
-
-
mA
IKrev
Reverse battery or
GND loss current
ENABLE = KEY = VB = 0 V,
KL_LINE = -13.5
-
-
10
mA
IKpull-up
KLINE internal pull-
up
KL_TX = High
60
-
140
kΩ
IKuv
Under voltage
current
KEY = High, KL_TX = Low,
VB = 13.5 V, KL_LINE = -1 V
--
1
mA
KL_RX
VRXoutL
KL_RX output low
voltage
Isink = 0.4 mA
-
-
0.4
V
KL_TX to
K_LINE
Tp_HLT
Transmitter turn-on
delay time
CKline = 10 nF,
RKline = 510 Ω
--
5
μs
K_LINE
T_fT
Transmitter fall time
CKline = 10 nF,
RKline = 510 Ω
--
10
μs
KL_LINE
to KL_RX
TpR
Receiver turn-on
delay time
Cload = 20 pF,
RPKL_Rx = 2 kΩ
--
4
μs
KL_RX
T_fR
Receiver fall time
Cload = 20 pF,
RPKL_Rx = 2 kΩ
--
2
μs
T_rR
Receiver rise time
Cload = 20 pF,
RPKL_Rx = 2 kΩ
--
2
μs
K_LINE
fMax
Max transmission
Operating
frequency
Application note
-
-
60
kHz
Table 23. K-Line interface electrical characteristics (continued)
Pin
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com