Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9918 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 46Page - STMicroelectronics L9918 Datasheet HTML 47Page - STMicroelectronics L9918 Datasheet HTML 48Page - STMicroelectronics L9918 Datasheet HTML 49Page - STMicroelectronics L9918 Datasheet HTML 50Page - STMicroelectronics L9918 Datasheet HTML 51Page - STMicroelectronics L9918 Datasheet HTML 52Page - STMicroelectronics L9918 Datasheet HTML 53Page - STMicroelectronics L9918 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 109 page
background image
NVM register name
Definition
Notes
Description
#Bits Code
TXFRAME_EN
3
TXFRAME_EN(0) =
1 → TX1 enable
TXFRAME_EN(1) =
1 → TX2 enable
TXFRAME_EN(2) = 1 →
TX3 enable. Default value:
0x7
TX frames enable
REG_AUS
2
0x0
Power stage off when
N < Nstart (regulation
voltage = 10.6 V when
N > Nstart)regulation is
resumed just in case
regulation off command is
removed
Set the behavior in case of regulation off command
(Vset=10.6 V or REG OFF command via LIN current
limitation setting)
0x1
Power stage off regulation
is resumed just in case
regulation off command is
removed
0x2
Power stage off when N <
Nstart (regulation voltage =
10.6 V when N > Nstart)
regulation is resumed after
2.5 min
0x3
Power stage off when N <
Nstart (regulation voltage =
10.6 V when N > Nstart)
regulation is resumed after
5.0 min
SR_EXC
2
0x0
480 mA/µs
EXC current slew rate selection
0x1
240 mA/µs
0x2
360 mA/µs
0x3
120 mA/µs
SR_HT_DIS
1
0x0
Enabled
Disable of current SR control in case internal
temperature greater than Temp_SRctrl.
0x1
Disabled
UR_DEF_REG
8
0x00 means 10.6 V, delta
voltage is 25 mVsetpoint =
code * 0.025 V + 10.6 V (e.g.
0x94 * 0.025 V + 10.6 V =
14.3 V). Default value: 0x94
Default regulation setpoint when LIN communication
is missing
UR_OFFSET
3
0x0
Disabled
Fixed set point voltage value correction
0x1
50 mV
0x2
100 mV
0x3
150 mV
0x4
-50 mV
0x5
-100 mV
0x6
-150 mV
0x7
-200 mV
REG_PARA_EN
1
0x0
disable
Enable/disable P_ANT parameter switching via LIN
(when enabled, P_ANT2 can be selected via LIN)
0x1
enable
P_ANT
5
0x00 0.1 V
Proportional constant of voltage regulation loop
(voltage step is 0.1 V)
L9918
NVM parameters table
DS13000 - Rev 2
page 50/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com