Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9918 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 25Page - STMicroelectronics L9918 Datasheet HTML 26Page - STMicroelectronics L9918 Datasheet HTML 27Page - STMicroelectronics L9918 Datasheet HTML 28Page - STMicroelectronics L9918 Datasheet HTML 29Page - STMicroelectronics L9918 Datasheet HTML 30Page - STMicroelectronics L9918 Datasheet HTML 31Page - STMicroelectronics L9918 Datasheet HTML 32Page - STMicroelectronics L9918 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 109 page
background image
Figure 13. Pre-excitation specific mode: example 2
4.2.4
Excitation OFF command
Behaviour of EXC signal in case of VBSPLINRG = 10.6 depends on REG_AUS NVM bits programming into NVM.
Here below a short description of the device behavior for all the possible REG_AUS selection:
•
REG_AUS = 0x00: EXC DC is set to 0 % in case N < Nstart and VBSPLINRG = 10.6. In case N > Nstart
(regulation state) the regulator uses 10.6 as a valid set point and it try to regulate B+ to that target.Once the
EXC OFF command is receipt, EXC power stage is kept in OFF until a different VBSPLINRG is received,
independently of the PH signal.
•
REG_AUS = 0x01: When VBLINSPRG = 10.6, EXC power stage is switched OFF. EXC signal DC remains
to 0 % until the OFF command is removed (VBSPLINRG ≠ 10.6).
•
REG_AUS = 0x02:EXC DC is set to 0 % in case N < Nstart and VBSPLINRG = 10.6. In case N > Nstart
(regulation state) the regulator uses 10.6 as a valid set point and it try to regulate B+ to that target. Once
the EXC OFF command is receipt, EXC power stage is kept in OFF state independently of the PH signal.
After 2.5 minutes L9918 restart the regulation if a valid phase signal (N > Nstart) is detected on PH pin.In any
moment the EXC OFF condition can be removed by sending VBSPLINRG ≠ 10.6.
•
REG_AUS = 0x03:Same as for REG_AUS = 0x02, the only difference is that the OFF state is 5 minutes long
instead of 2.5.
4.2.5
Excitation behavior during phase regulation
The phase regulation function starts if the phase signal has low voltage amplitude. Please refer to
Section 3.2.2 Phase regulation for detailed behaviour description.
4.2.6
Excitation current measurement
The excitation current measure is performed sensing the current flowing in the HS power that drives the EXC pin.
The working principle is showed in Figure 14.
L9918
EXC characteristics
DS13000 - Rev 2
page 29/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com