Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9918 Datasheet(PDF) 81 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 77Page - STMicroelectronics L9918 Datasheet HTML 78Page - STMicroelectronics L9918 Datasheet HTML 79Page - STMicroelectronics L9918 Datasheet HTML 80Page - STMicroelectronics L9918 Datasheet HTML 81Page - STMicroelectronics L9918 Datasheet HTML 82Page - STMicroelectronics L9918 Datasheet HTML 83Page - STMicroelectronics L9918 Datasheet HTML 84Page - STMicroelectronics L9918 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 109 page
background image
Code
Duty Cycle (%)
Code
Duty Cycle (%)
01010
31.25 < DF < 34.375
11010
81.25 < DF < 84.375
01011
34.375 < DF < 37.5
11011
84.375 < DF < 87.5
01100
37.5 < DF < 40.625
11100
87.5 < DF < 90.625
01101
40.625 < DF <
11101
90.625 < DF < 93.75
01110
43.75 < DF < 46.875
11110
93.75 < DF < 96.875
01111
46.875 < DF < 50
11111
96.875 < DF < 100
Table 51. DCE8 – Duty cycle value, 8 bits reference version C
Code
Duty Cycle (%)
Code
Duty Cycle (%)
Code
Duty Cycle (%)
Code
Duty Cycle (%)
00000000
0.39
01000000
25.39
10000000
50.39
11000000
75.39
00000001
0.78
01000001
25.78
10000001
50.78
11000001
75.78
00000010
1.17
01000010
26.17
10000010
51.17
10000010
76.17
00000011
1.56
01000011
26.56
10000011
51.56
10000011
76.56
00000100
1.95
01000100
26.95
10000100
51.95
11000100
76.95
00000101
2.34
01000101
27.34
10000101
52.34
11000101
77.34
00000110
2.73
01000110
27.73
10000110
52.73
11000110
77.73
00000111
3.13
01000111
28.13
10000111
53.13
11000111
78.13
00001000
3.52
01001000
28.52
10001000
53.52
11001000
78.52
00001001
3.91
01001001
28.91
10001001
53.91
11001001
78.91
00001010
4.30
01001010
29.30
10001010
54.30
11001010
79.30
00001011
4.69
01001011
29.69
10001011
54.69
11001011
79.69
00001100
5.08
01001100
30.08
10001100
55.08
11001100
80.08
00001101
5.47
01001101
30.47
10001101
55.47
11001101
80.47
00001110
5.86
01001110
30.86
10001110
55.86
11001110
80.86
00001111
6.25
01001111
31.25
10001111
56.25
11001111
81.25
00010000
6.64
01010000
31.64
10010000
56.64
11010000
81.64
00010001
7.03
01010001
32.03
10010001
57.03
11010001
82.03
00010010
7.42
01010010
32.42
10010010
57.42
11010010
82.42
00010011
7.81
01010011
32.81
10010011
57.81
11010011
82.81
00010100
8.20
01010100
33.20
10010100
58.20
11010100
83.20
00010101
8.59
01010101
33.59
10010101
58.59
11010101
83.59
00010110
8.98
01010110
33.98
10010110
58.98
11010110
83.98
00010111
9.38
01010111
34.38
10010111
59.38
11010111
84.38
00011000
9.77
01011000
34.77
10011000
59.77
11011100
84.77
00011001
10.16
01011001
35.16
10011001
60.16
10011101
85.16
00011010
10.55
01011010
35.55
10011010
60.55
10011110
85.55
00011011
10.94
01011011
35.94
10011011
60.94
10011111
85.94
00011100
11.33
01011100
36.33
10011100
61.33
11100000
86.33
00011101
11.72
01011101
36.72
10011101
61.72
11100001
86.72
00011110
12.11
01011110
37.11
10011110
62.11
11100010
87.11
L9918
Excitation duty cycle value
DS13000 - Rev 2
page 81/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com