Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9918 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 19Page - STMicroelectronics L9918 Datasheet HTML 20Page - STMicroelectronics L9918 Datasheet HTML 21Page - STMicroelectronics L9918 Datasheet HTML 22Page - STMicroelectronics L9918 Datasheet HTML 23Page - STMicroelectronics L9918 Datasheet HTML 24Page - STMicroelectronics L9918 Datasheet HTML 25Page - STMicroelectronics L9918 Datasheet HTML 26Page - STMicroelectronics L9918 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 109 page
background image
Figure 10. PH frequency calculation using adaptive PH thresholds calculation
High adaptive
threshold
Low adaptive
threshold
Signal after comparators
(used for PH frequency calculation)
VPadth_HT
NVM parameters for Adaptive PH thresholds control are: ACADAPMIN_MODE, KLV_AC_ADAP_MAX,
KLV_AC_ADAP_MIN and AC_ADAP_M_BAND. Parameters descriptions are reported into Section A.1 NVM
parameters table
A further usage of the adaptive PH threshold calculation regards the hot start function activation: one of hot start
activation conditions requires Adaptive PH mean value to be greater than VPadth _HT.
A more detailed description of the hot start function can be found into Section 3.2.4 Hot start.
3.2.4
Hot start
Hot start is a particular function which leads device into Regulation default state from Wake up state.
Hot start is activated when the all the three following conditions are verified:
Phase signal is present on PH pin within 53ms after a wakeup event (Section 1.5.1 Standby).
Engine rotation is N > Nstart.
Adaptive PH threshold mean is greater than VPadth _HT or PH signal crosses phase regulation thresholds
(VPHThREG,x threshold and eventually VPLTh if KLV_HED_DIS = 0).
Please note that in case all conditions for Hot Start are met, L9918 however needs a latency time before starting
the regulation. This is the time needed to properly evaluate phase signal frequency and it can be programmed by
PRG_EVENTFILT_5_3 NVM register.
L9918
PH characteristics
DS13000 - Rev 2
page 23/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com