Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9918 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 40Page - STMicroelectronics L9918 Datasheet HTML 41Page - STMicroelectronics L9918 Datasheet HTML 42Page - STMicroelectronics L9918 Datasheet HTML 43Page - STMicroelectronics L9918 Datasheet HTML 44Page - STMicroelectronics L9918 Datasheet HTML 45Page - STMicroelectronics L9918 Datasheet HTML 46Page - STMicroelectronics L9918 Datasheet HTML 47Page - STMicroelectronics L9918 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 109 page
background image
5.4.1
Sleep frame
LIN Sleep Frame is a Master diagnostic frame carrying the following data bytes.
Table 30. LIN sleep frame
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
0x00
0xFF
0xFF
0xFF
0xFF
0xFF
0xFF
0xFF
Sleep frame is valid in all the supported DLL versions.
Once this frame has been received, sleep command is effectively applied within 106 ms. This is the latency time
needed by the device for decoding the frame and applying the sleep command.
5.4.2
Read by identifier
Read by Identifier is performed sending two consecutive frames.
The first one is a master diagnostic frame (ID = 0x3C) which identify the slave from which the answer is expected:
Table 31. Master diagnostic frame
Byte 0
Byte 1 Byte 2 Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
NAD (1)
0x06
0XB2
0x00
Supplier ID LSB (2)
Supplier ID MSB (2)
Function ID LSB (2)
Function ID MSB (2)
1. NAD is defined into LIN_NAD NVM bits.
2. Supplier ID and Function ID are programmed by STM at EOL. They are set to 0x0040 and to 0x0000 respectively.
The second frame is a Slave response diagnostic (ID = 0x3D) to which the slave answers with the expected
information. Frame contents can be “positive” or “negative” whether the devices recognizes or not the NAD
carried by the 0x3C master frame.
Table 32. Negative slave answer
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
NAD
0x03
0X7F
0xB2
0x12
0xFF
0xFF
0xFF
Table 33. Positive slave answer
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
NAD
0x06
0XF2
Supplier ID LSB
Supplier ID MSB
Function ID LSB
Function ID MSB
Variant (1)
1. Variant is defined into LIN_VAR_ID NVM bits.
Read by Identifier feature is available for LIN2.x versions only.
5.4.3
Assign frame ID
Assign frame ID range is used to set or disable PIDs (IDs with calculated parity) up to four frames. The request
shall be structured as shown in below, ID = 0x3C:
Table 34. Assigne frame
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
NAD
0x06
0xB7
0x00
RX new PID
TX1 new PID
TX2 new PID
TX3 new PID
L9918
LIN Diagnostic frames
DS13000 - Rev 2
page 44/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com