Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9918 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 3 Page - STMicroelectronics

  L9918 Datasheet HTML 1Page - STMicroelectronics L9918 Datasheet HTML 2Page - STMicroelectronics L9918 Datasheet HTML 3Page - STMicroelectronics L9918 Datasheet HTML 4Page - STMicroelectronics L9918 Datasheet HTML 5Page - STMicroelectronics L9918 Datasheet HTML 6Page - STMicroelectronics L9918 Datasheet HTML 7Page - STMicroelectronics L9918 Datasheet HTML 8Page - STMicroelectronics L9918 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 109 page
background image
1.2
Pin description
Figure 2. Pins connection diagram (top view)
1
2
3
4
5
PH
LIN
GND
B+
EXC
GADG1604191525PS
Table 1. Pin description
PIN
Function
1
EXC
High side driver output to control the rotor current
2
B+
Device power supply and Battery voltage sensing
3
GND
Regulator ground
4
LIN
Communication terminal
5
PH
Phase sense input
1.2.1
EXC
This pin is connected to the excitation coil (rotor) of the alternator. The IC supplies a current to the rotor in order to
control the output current of the alternator when car load or car speed varies. Device target is to maintain battery
voltage at defined set point. Inside the device is also embedded a freewheeling circuit, needed to discharge the
rotor current when the High Side power is turned OFF.
1.2.2
B+
The device is supplied by this pin. This voltage is also used as feedback voltage by the regulation loop.
1.2.3
GND
The device has one GND pin.
1.2.4
LIN
This LIN pin represents the single-wire bus transmitter and receiver. It is suited for automotive bus systems and is
based on LIN protocol defined in LIN bus specification v1.3, v2.1, v2.2 and v2.2A.
1.2.5
PH
This pin is connected to one of the stator windings. Its input signal is used for rotor speed measurement, stator
voltage monitoring as well as self-start detection. During the regulation, phase signal voltage level is continuously
monitored. Phase regulation function is activated if phase amplitude is not addressing desired levels.
1.3
List of device features
The device is designed to satisfy the below features:
1.3.1
Standby current
When L9918 is in standby state, the average power consumption is very low over all temperatures. Current
consumption can slightly increase while the device is evaluating wakeup sources: device perform a partial wake
up in order to check if eventual signals on phase or LIN pin are valid wakeup events. However even during this
partial wakeup, current consumption remains well below the wakeup state consumption.
L9918
Pin description
DS13000 - Rev 2
page 3/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com