Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9918 Datasheet(PDF) 58 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 54Page - STMicroelectronics L9918 Datasheet HTML 55Page - STMicroelectronics L9918 Datasheet HTML 56Page - STMicroelectronics L9918 Datasheet HTML 57Page - STMicroelectronics L9918 Datasheet HTML 58Page - STMicroelectronics L9918 Datasheet HTML 59Page - STMicroelectronics L9918 Datasheet HTML 60Page - STMicroelectronics L9918 Datasheet HTML 61Page - STMicroelectronics L9918 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 109 page
background image
NVM register name
Definition
Notes
Description
#Bits Code
IE_P_ANT
(continued)
7
0x26
Proportional part of current limitation regulation
control loop. Referred to regulation mode state.
(continued)
84 mA
0x27 81 mA
0x28 79 mA
0x29 77 mA
0x2A 76 mA
0x2B 74 mA
0x2C 72 mA
IE_P_ANT
(continued)
7
0x2D 71 mA
Proportional part of current limitation regulation
control loop. Referred to regulation mode state.
(continued)
0x2E 69 mA
0x2F 68 mA
0x30 66 mA
0x31 65 mA
0x32 64 mA
0x33 62 mA
0x34 61 mA
0x35 60 mA
0x36 59 mA
0x37 58 mA
0x38 57 mA
0x39 56 mA
0x3A 55 mA
0x3B 54 mA
0x3C 53 mA
0x3D 52 mA
0x3E 51 mA
0x3F 50 mA
0x40 50 mA
0x41 49 mA
0x42 48 mA
0x43 47 mA
0x44 47 mA
0x45 46 mA
0x46 45 mA
0x47 45 mA
0x48 44 mA
0x49 43 mA
0x4A 43 mA
0x4B 42 mA
0x4C 42 mA
0x4D 41 mA
L9918
NVM parameters table
DS13000 - Rev 2
page 58/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com