Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9918 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 23Page - STMicroelectronics L9918 Datasheet HTML 24Page - STMicroelectronics L9918 Datasheet HTML 25Page - STMicroelectronics L9918 Datasheet HTML 26Page - STMicroelectronics L9918 Datasheet HTML 27Page - STMicroelectronics L9918 Datasheet HTML 28Page - STMicroelectronics L9918 Datasheet HTML 29Page - STMicroelectronics L9918 Datasheet HTML 30Page - STMicroelectronics L9918 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 109 page
background image
4.2
EXC characteristics
4.2.1
Minimum and maximum excitation duty cycle:
It is possible to set minimum and maximum excitation duty cycle by NVM bits PWM_MINEIN and PWM_MINAUS.
Such limits are valid just if the DC calculated by regulation loop is different from 0 % and from 100 %.
4.2.2
Load response control
As previously mentioned, LRC consists in applying a given DC change rate instead of applying the DC calculated
by the regulation loop.
Shape of the DC change rate is reported in the picture below:
Figure 11. Load response control
t
DC[%]
BZ
(TV_SPRUNG)
LRC rise time
(LRD_DEF or LIN)
LR_TVFILTER_PER
(ΔT multiple of EXC PWM period)
LRC rise time can be set by LIN or by LRD_DEF NVM bits. It is defined as the transient time needed to pass from
DC = 0 % condition to DC = 100 % condition.
LRC function is disabled if PH rotation is higher than LRC cut-off threshold. Such threshold can be selected by
LIN or by NVM bits LRDN_DEF. Default value selected by NVM programming is ignored in case a valid cut-off
frequency is provided through LIN communication.
Other LRC options selectable by NVM bits are: LR_TVFILT_SEL, LR_TVFILTTIME, LR_TVFILTER_PER. Further
details on these parameters can be found in table reported into appendix A1.
LRC operation is terminated as soon as DC given by LRC slope becomes higher that the DC calculated by the
regulation loop. When this condition occurs, DC calculated by regulation loop is adopted.
Blind Zone control:
Blind Zone control by LIN communication can be enabled by NVM bit TV_SPRUNG_EN. If TV_SPRUNG_EN = 0,
device blind zone correspond to the programmed default value DFLRCBZ value.
In case TV_SPRUNG_EN = 1, blind zone can be selected by LIN RX frame. RX frame field available for blind
zone control depend on the specific LIN configuration adopted.
4.2.3
Pre-excitation specific mode selection
Short description of NVM settings related to Pre-excitation state has been provided in Section 1.5.3 Pre-
excitation.
In this paragraph is reported a more detailed description of the device behavior when Pre-excitation specific mode
is selected (SV_FORD_EN = 1). When this setting is adopted, the device has different behaviors depending on
set-point voltage sent via LIN communication.
L9918
EXC characteristics
DS13000 - Rev 2
page 27/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com