Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9961 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 12Page - STMicroelectronics L9961 Datasheet HTML 13Page - STMicroelectronics L9961 Datasheet HTML 14Page - STMicroelectronics L9961 Datasheet HTML 15Page - STMicroelectronics L9961 Datasheet HTML 16Page - STMicroelectronics L9961 Datasheet HTML 17Page - STMicroelectronics L9961 Datasheet HTML 18Page - STMicroelectronics L9961 Datasheet HTML 19Page - STMicroelectronics L9961 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
Fault
type
Assertion condition
IC reaction to
assertion
Release condition
IC reaction to flag
clear
Maskable
Cell UV
If the UV
counter reaches
VCELL_UV_CNT_TH,
it saturates and the
cell UV fault is
acknowledged.
The discharge FET is
turned OFF
If the UV counter
reaches zero, the cell
UV flag can be cleared
by MCU
FAULTN line is released
CELL_UV_PRDRV_MS
K masks reaction on
DCHG pin
FAULTN line is asserted
CELL_UV_FAULTN_MS
K masks reaction on
FAULTN pin
Cell
severe
UV
If a cell voltage falls
below
VCELL_SEVERE_UV_T
H, the severe UV fault is
acknowledged
The
CELL<x>_SEVERE_UV
flag is set
If a cell voltage raises
above
VCELL_SEVERE_UV_T
H, the cell severe UV
flag can be cleared by
MCU
The discharge FET
is restored to the
status defined by the
DCHG_ON bit
VCELL<x>_EN
masks measurement
execution. The severe
UV flag of a disabled
cell can always be
cleared
The discharge FET is
turned OFF
FUSE pre-driver is
disabled
CELL_SEVERE_UV_P
RDRV_MSK masks
reaction on DCHG pin
FUSE pre-driver is
enabled
FAULTN line is released
CELL_SEVERE_UV_F
USE_MSK masks
reaction on FUSE pin
FAULTN line is asserted
CELL_SEVERE_UV_FA
ULTN_MSK masks
reaction on FAULTN pin
Cell OV
If a cell voltage raises
above VCELL_OV_TH,
the corresponding OV
counter is incremented
by 1
The CELL<x>_OV flag
is set
If a cell voltage falls
below VCELL_OV_TH,
the corresponding OV
counter is decremented
by 1.
The charge FET is
restored to the status
defined by the CHG_ON
bit
VCELL<x>_EN
masks measurement
execution. The OV flag
of a disabled cell can
always be cleared
If the OV
counter reaches
VCELL_OV_CNT_TH,
it saturates and the
cell OV fault is
acknowledged.
The charge FET is
turned OFF
If the OV counter
reaches zero, the cell
OV flag can be cleared
by MCU
FAULTN line is released
CELL_OV_PRDRV_MS
K masks reaction on
CHG pin
FAULTN_SAFE is
pulled low for
TFAULTN_SAFE_LOW (if
a pulse on
FAULTN_SAFE pin was
not already generated
after a previous not
masked and not cleared
Cell OV / Cell Severe
OV detection)
CELL_OV_RST_MSK
masks reaction
FAULTN_SAFE pin
FAULTN line is asserted
CELL_OV_FAULTN_MS
K masks reaction on
FAULTN pin
Cell
severe
OV
If a cell voltage raises
above
VCELL_SEVERE_OV_
TH, the severe OV fault
is acknowledged
The
CELL<x>_SEVERE_OV
flag is set
If a cell voltage falls
below
VCELL_SEVERE_OV_
TH, the cell severe OV
flag can be cleared by
MCU
The charge FET is
restored to the status
defined by the CHG_ON
bit
VCELL<x>_EN
masks measurement
execution. The severe
OV flag of a disabled
cell can always be
cleared
The charge FET is
turned OFF
FUSE pre-driver is
disabled
CELL_SEVERE_OV_P
RDRV_MSK masks
reaction on CHG pin
FUSE pre-driver is
enabled
FAULTN line is released
CELL_SEVERE_OV_F
USE_MSK masks
reaction on FUSE pin
L9961
Voltage conversion routine
DS14012 - Rev 1
page 16/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com