Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9961 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 27Page - STMicroelectronics L9961 Datasheet HTML 28Page - STMicroelectronics L9961 Datasheet HTML 29Page - STMicroelectronics L9961 Datasheet HTML 30Page - STMicroelectronics L9961 Datasheet HTML 31Page - STMicroelectronics L9961 Datasheet HTML 32Page - STMicroelectronics L9961 Datasheet HTML 33Page - STMicroelectronics L9961 Datasheet HTML 34Page - STMicroelectronics L9961 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOVCDCHGTH
=128VCUR_RES*CODE
VPERSIST_OVC_TH
Programmable persistent
overcurrent threshold (8 bit).
Check is performed on the current
absolute value.
VPERSISTOVTH
=VCUR_RES*CODE
Tested by SCAN
0
-
255*VCUR_RES
mV
Note:
Note: accuracy of the thresholds depends on the accuracy of the CSA. Refer to Table 20.
3.5.4
Short-circuit in discharge protection
When the CSA is enabled, L9961 protects the battery pack from short-circuit in discharge by sensing the
current through the shunt resistor with a faster filter time TSC_FILTER, programmable in the SC_FILTER field.
This diagnostic is enabled using SC_EN bit and covers the failures listed in Table 22.
Writing SC_EN = 1 enables the short-circuit monitor after a maximum delay of 528 μs. To avoid false detections,
overcurrent thresholds shall only be modified while SC_EN = 0
Table 22. Short-circuit in discharge diagnostics
Fault type
Assertion condition
IC reaction to
assertion
Release
condition
IC reaction to flag
clear
Maskable
Short-circuit in
discharge
If the (ISENSEP –
ISENSEM) voltage
raises above VSC_TH
for longer than
TSC_FILTER, the SC
fault is acknowledged.
The SC_DCHG flag is
set
If the If the
(ISENSEP –
ISENSEM)
voltage falls
below VSC_TH
for longer
than
TSC_FILTER,
the
SC_DCHG
flag can be
cleared by
MCU
The Discharge FET
is restored to the
status defined by the
DCHG_ON bit
CSA_EN masks
measurement
execution. When
disabled, the
SC_DCHG flag can
always be cleared
The Discharge FET is
turned OFF
FAULTN line is
released
SC_EN masks
diagnostic execution.
When disabled, the
SC_DCHG flag can
always be cleared
FAULTN line is
asserted
SC_DCHG_PRDRV_M
SK masks reaction on
DCHG pin
SC_DCHG_FAULTN_
MSK masks reaction
on FAULTN pin
Persistent short-circuit
in discharge
If the DCHG FET
is OFF (either
commanded by user
or forced by
diagnostics) and the
ISENSEP – ISENSEM
voltage raises above
VPERSIST_SC_TH, the
PERSIST_SC_DCHG
fault is acknowledged.
Diagnostic is masked
for TPERSIST_SC_BLANK
starting from DCHG
FET OFF event.
The
PERSIST_SC_DCHG
flag is set
If the If the
(ISENSEP –
ISENSEM)
voltage falls
below
VPERSIST_SC_
TH for longer
than
TSC_FILTER,
the
PERSIST_SC
_DCHG flag
can be
cleared by
MCU
FUSE pre-driver is
disabled
CSA_EN masks
measurement
execution. When
disabled, the
PERSIST_SC_DCHG
flag can always be
cleared
FUSE pre-driver is
enabled
FAULTN line is
released
SC_EN masks
diagnostic execution.
When disabled, the
PERSIST_SC_DCHG
flag can always be
cleared
FAULTN line is
asserted
PERSIST_SC_DCHG_
FUSE_MSK masks
reaction on FUSE pin
L9961
Current conversion routine
DS14012 - Rev 1
page 31/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com