Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9961 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 39Page - STMicroelectronics L9961 Datasheet HTML 40Page - STMicroelectronics L9961 Datasheet HTML 41Page - STMicroelectronics L9961 Datasheet HTML 42Page - STMicroelectronics L9961 Datasheet HTML 43Page - STMicroelectronics L9961 Datasheet HTML 44Page - STMicroelectronics L9961 Datasheet HTML 45Page - STMicroelectronics L9961 Datasheet HTML 46Page - STMicroelectronics L9961 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
Figure 15. Timing on the I2C bus
GADG220620221346SA
3.11
Non-volatile memory (NVM)
L9961 allows saving key I2C configuration parameters in the internal NVM. Not all I2C register are stored in the
NVM: refer to the register map file attached, where a color code identifies configuration registers stored in the
NVM.
The following I2C commands allow interacting with the NVM:
•
NVM_WRITE_READ_CODE_CMD = 0xAAAA triggers the NVM upload fetching the data from I2C registers
and moving it to the NVM sectors. The operation lasts TNVM_UPLOAD and during such an interval the MCU
will not be able to perform I2C R/W operations
•
NVM_WRITE_READ_CODE_CMD = 0x5555 triggers the NVM download fetching the data from NVM
sectors and moving it to the I2C registers. The operation lasts TNVM_DOWNLOAD and during such an interval
the MCU will not be able to perform I2C R/W operations.
The NVM can be written a maximum of NNVM_WRITE_CYCLES. If such a limit is exceeded, data retention is not
guaranteed. The NVM_UPLOADS_COUNT counter stores the number of NVM write operation executed and is
saturated to 31.
At each device wakeup the NVM is autonomously re-downloaded and the related I2C configuration registers are
refreshed. Thus, MCU is not required to run configuration functions at each wakeup.
MCU shall disable any load actuation (CHG/DCHG, balancing and FUSE) before launching an NVM download/
upload command.
Data stored in the NVM is checked against corruption:
•
If the trimming and calibration data is corrupted, the CRC_TRIM_CAL_FAIL flag is set and the FAULTN pin
is asserted
•
If the user sectors are corrupted, the CRC_CFG_FAIL flag is set and the FAULTN pin is asserted
Whenever data corruption is detected (CRC_TRIM_CAL_FAIL or CRC_CFG_FAIL), the diagnostic routines will
not be stopped and faults might be inadvertently flagged. However, all the actuations due to internal faults will be
inhibited as if the corresponding masking bit (*_MSK) was set.
A corrupted NVM sector will be downloaded as 0x0.
L9961
Non-volatile memory (NVM)
DS14012 - Rev 1
page 43/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com