Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9961 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 15Page - STMicroelectronics L9961 Datasheet HTML 16Page - STMicroelectronics L9961 Datasheet HTML 17Page - STMicroelectronics L9961 Datasheet HTML 18Page - STMicroelectronics L9961 Datasheet HTML 19Page - STMicroelectronics L9961 Datasheet HTML 20Page - STMicroelectronics L9961 Datasheet HTML 21Page - STMicroelectronics L9961 Datasheet HTML 22Page - STMicroelectronics L9961 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
3.4.2
Battery stack monitor (VB)
The battery stack monitor, (VB), of the voltage conversion routine monitors the battery stack voltage measuring
the VB pin through an internal divider.
This function is enabled by programming the corresponding VB_EN I2C bit: if disabled, this step is skipped.
To limit power consumption, the internal voltage divider is connected to VB pin at the beginning of the
Section 3.4 Voltage conversion routine and it is disconnected right after the VB measurement step is completed.
Stack voltage measurements are stored in the VB_MEAS register and compared to programmable thresholds in
order to detect the failures listed in Table 12.
Table 12. Battery stack monitor diagnostics
Fault type
Assertion condition
IC reaction to
assertion
Release condition
IC reaction to flag
clear
Maskable
VB UV
If VB voltage falls
below VB_UV_TH,
the corresponding
UV counter is
incremented by 1
The VB_UV flag is set
If VB voltage raises
above VB_UV_TH,
the corresponding
UV counter is
decremented by 1.
The discharge FET
is restored to the
status defined by the
DCHG_ON bit
VB_EN masks
measurement
execution. When
disabled, the VB_UV
flag can always be
cleared upon read
If the UV
counter reaches
VB_UV_CNT_TH, it
saturates and the
VB UV fault is
acknowledged
The discharge FET is
turned OFF
If the UV counter
reaches zero, the
VB_UV flag can be
cleared by MCU
FAULTN line is
released
VB_UV_PRDRV_MS
K masks reaction on
DCHG pin
FAULTN line is
asserted
VB_UV_FAULTN_MS
K masks reaction on
FAULTN pin
VB OV
If VB voltage raises
above VB_OV_TH,
the corresponding
OV counter is
incremented by 1
The VB_OV flag is set
If VB voltage falls
below VB_OV_TH,
the corresponding
OV counter is
decremented by 1.
The charge FET
is restored to the
status defined by the
corresponding I2C bit
VB_EN masks
measurement
execution. When
disabled, the VB_OV
flag can always be
cleared upon read
If the OV
counter reaches
VB_OV_CNT_TH, it
saturates and the
VB OV fault is
acknowledged
The charge FET is
turned OFF
If the OV counter
reaches zero, the
VB OV flag can be
cleared by MCU
FAULTN line is
released
VB_OV_PRDRV_MS
K masks reaction on
CHG pin
FAULTN_SAFE is
pulled low for
TFAULTN_SAFE_LOW
VB_OV_RST_MSK
masks reaction
FAULTN_SAFE pin
FAULTN line is
asserted
VB_OV_FAULTN_MS
K masks reaction on
FAULTN pin
VB vs. sum of cells
plausibility fail
If the absolute value
of the difference
between VB_MEAS
and VCELL_SUM is
greater than
VB_VSUM_MAX_DIF
F_TH, the plausibility
check fail is
acknowledged
The
VB_SUM_CHECK_F
AIL flag is set
If the absolute value
of the difference
between VB_MEAS
and VCELL_SUM
falls below the
VB_VSUM_MAX_DIF
F_TH, the
VB_SUM_CHECK_F
AIL flag can be
cleared by MCU
The charge FET
is restored to the
status defined by the
CHG_ON bit
VB_EN masks
measurement
execution. When
disabled, the
VB_SUM_CHECK_F
AIL flag can always
be cleared upon read
Both charge and
Discharge FETs are
turned OFF
The discharge FET
is restored to the
status defined by the
DCHG_ON bit
VB_SUM_CHEC_PR
DRV_MSK masks
reaction on CHG/
DCHG pins
Balancing is
interrupted on all cells
FUSE pre-driver is
disabled
VB_SUM_CHEC_FU
SE_MSK masks
reaction on FUSE pin
FUSE pre-driver is
enabled
Balancing FETs are
restored to the
status defined by
the corresponding
BAL<x>_ON bit
VB_SUM_CHEC_BA
L_MSK masks
reaction on balancing
L9961
Voltage conversion routine
DS14012 - Rev 1
page 19/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com