Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9961 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 21Page - STMicroelectronics L9961 Datasheet HTML 22Page - STMicroelectronics L9961 Datasheet HTML 23Page - STMicroelectronics L9961 Datasheet HTML 24Page - STMicroelectronics L9961 Datasheet HTML 25Page - STMicroelectronics L9961 Datasheet HTML 26Page - STMicroelectronics L9961 Datasheet HTML 27Page - STMicroelectronics L9961 Datasheet HTML 28Page - STMicroelectronics L9961 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
3.5
Current conversion routine
The current conversion routine can be enabled by programming the CSA_EN bit: if disabled, the ADC, the
monitoring functions and coulomb counting are not available.
Enabling the current conversion routine increases VB current consumption by IVB_NORM_DELTA_CSA.
3.5.1
Current sense ADC (ISENSEP/ISENSEM)
L9961 integrates a current sense amplifier and a fully differential sigma-delta ADC, capable of performing
continuous acquisition of the pack current using an external shunt resistor connected between ISENSEP and
ISENSEM pins.
Each sample acquisition lasts TCUR_FILTER (programmable via T_CUR_FILTER field) and a new acquisition starts
upon completion of the previous conversion.
The latest sample acquired by the ADC is available in the CUR_INST_MEAS register, encoded in 2’s
complement.
The CSA comes with a native gain error of CSAGAIN_ERR. To furtherly improve the accuracy, L9961 offers the
possibility to perform end of line calibration using a single setpoint. By programming the CSA_GAIN_FACTOR
register, the gain error can be reduced down to CSAGAIN_ERR_CAL.
The end of line calibration procedure is the following:
1.
Read the CSA_GAIN_FACTOR register and store the factory correction factor KGAIN_FACTORY in a
temporary variable
CSA_GAIN_FACTOR register is decoded as follows:
CSA_GAIN_FACTOR decode
CSA_GAIN_FACTORdecimal=b15*20+b14*2−1+b13*2−2+…+b0*2−15
(2)
1.
Force a precise and stable VCSA_CAL voltage on the ISENSEP-ISENSEM pair
2.
Enable the CSA and the Coulomb counter by programming CSA_EN = 1 and CC_ACC_EN = 1
3.
Let the Coulomb counter acquire at least 30 samples in order to eliminate any superimposed noise
4.
Download the Coulomb counter data as described in Section 3.5.2 Coulomb counting and extract the
VCSA_MEAS average value
5.
Calculate the gain correction factor KGAIN_CAL
CSA gain correction factor definition
KGAINCAL= VCSACAL
VCSAMEAS
(3)
1.
Calculate the End Of Line correction factor KGAIN_EOL and write it into the CSA_GAIN_FACTOR register
CSA end of line correction factor calculation
KGAINEOL=KGAINFACTORYKGAINCAL
(4)
1.
Push the data into the NVM following the procedure described in the Non-Volatile Memory (NVM)
Total conversion error (TCE) can be computed as the following formula (see CSA total conversion error) where
the gain error CSAGAIN can be either CSAGAIN_ERR or CSAGAIN_ERR_CAL depending if end of line calibration is
performed or not.
L9961
Current conversion routine
DS14012 - Rev 1
page 25/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com