Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9961 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 17Page - STMicroelectronics L9961 Datasheet HTML 18Page - STMicroelectronics L9961 Datasheet HTML 19Page - STMicroelectronics L9961 Datasheet HTML 20Page - STMicroelectronics L9961 Datasheet HTML 21Page - STMicroelectronics L9961 Datasheet HTML 22Page - STMicroelectronics L9961 Datasheet HTML 23Page - STMicroelectronics L9961 Datasheet HTML 24Page - STMicroelectronics L9961 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
NTC measurements are stored in the NTC_MEAS register and are compared to programmable thresholds in
order to detect the failures listed in Table 16.
Table 14. NTC temperature monitor diagnostics
Fault type
Assertion condition
IC reaction to
assertion
Release condition
IC reaction to flag
clear
Maskable
NTC OT
If NTC voltage falls
below NTC_OT_TH,
the corresponding OT
counter is incremented
by 1
The NTC_OT flag is set
If NTC voltage raises
above NTC_OT_TH,
the corresponding OT
counter is decremented
by 1.
The charge FET
is restored to the
status defined by the
CHG_ON bit
NTC_EN masks
measurement
execution. The OT flag
of a disabled NTC can
always be cleared
If the OT
counter reaches
NTC_OT_CNT_TH, the
NTC OT fault is
acknowledged
The charge FET is
turned OFF
If the OT counter
reaches zero, the NTC
OT flag can be cleared
by MCU
FAULTN line is
released
NTC_OT_PRDRV_MS
K masks reaction on
CHG pin
FAULTN line is
asserted
NTC_OT_FAULTN_MS
K masks reaction on
FAULTN pin
Severe NTC
OT
If a NTC voltage falls
below
NTC_SEVERE_OT_TH
, the severe OT fault is
acknowledged
The
NTC_SEVERE_OT flag
is set
If NTC voltage raises
above
NTC_SEVERE_OT_TH
, the severe OT flag
can be cleared by MCU
The charge FET
is restored to the
status defined by the
CHG_ON bit
NTC_EN masks
measurement
execution. When
disabled, the severe
OT flag can always be
cleared
Both charge and
discharge FETs are
turned OFF
The discharge FET
is restored to the
status defined by the
DCHG_ON bit
NTC_SEVERE_OT_P
RDRV_MSK masks
reaction on CHG/
DCHG pins
Balancing is interrupted
on all cells
FUSE pre-driver is
disabled
NTC_SEVERE_OT_FU
SE_MSK masks
reaction on FUSE pin
FUSE pre-driver is
enabled
Balancing FETs are
restored to the
status defined by
the corresponding
BAL<x>_ON bit
NTC_SEVERE_OT_BA
L_MSK masks reaction
on balancing
FAULTN line is
asserted
FAULTN line is
released
NTC_SEVERE_OT_FA
ULTN_MSK masks
reaction on FAULTN
pin
NTC UT
If NTC voltage raises
above NTC_UT_TH,
the corresponding UT
counter is incremented
by 1
The NTC_UT flag is set
If NTC voltage falls
below NTC_UT_TH,
the corresponding UT
counter is decremented
by 1.
The charge FET
is restored to the
status defined by the
corresponding I2C bit
NTC_EN masks
measurement
execution. The UT flag
of a disabled NTC can
always be cleared
If the UT
counter reaches
NTC_UT_CNT_TH, the
NTC UT fault is
acknowledged
The Charge FET is
turned OFF
If the UT counter
reaches zero, the
NTC_UT flag can be
cleared by MCU
FAULTN line is
released
NTC_UT_PRDRV_MS
K masks reaction on
CHG pin
FAULTN line is
asserted
NTC_UT_FAULTN_MS
K masks reaction on
FAULTN pin
3.4.3.1
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
VB according operating range of Table 4 ; TJ according operating range of Table 7.
L9961
Voltage conversion routine
DS14012 - Rev 1
page 21/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com