Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 120 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 116Page - STMicroelectronics L9788 Datasheet HTML 117Page - STMicroelectronics L9788 Datasheet HTML 118Page - STMicroelectronics L9788 Datasheet HTML 119Page - STMicroelectronics L9788 Datasheet HTML 120Page - STMicroelectronics L9788 Datasheet HTML 121Page - STMicroelectronics L9788 Datasheet HTML 122Page - STMicroelectronics L9788 Datasheet HTML 123Page - STMicroelectronics L9788 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 264 page
background image
High/low-side drivers - STARTER STR[1:3]
L9788
120/264
DS12308 Rev 4
8.6
Starter control
To prevent unintended activation of starter relays at the same time a dual control
mechanism is implemented inside the logic by means of independent MSC commands for
on/off for each starter (RLY4_ON RLY4_OFF STR2_ON STR2_OFF STR3_ON
STR3_OFF). If the RLY4, STR2, STR3 are not configured as starter they are controlled by
data frame on/off as the other drivers
The starter control function comes with a dedicated failsafe management circuit to always
provide a safety switch off path able to disconnect the main supply in case of fault
conditions. Starter switch off path is implemented with dual polarity command acting on
drivers STR[2:3] and RLY4: if the EN_P pin is high or the EN_N pin is high or if the
FAULT_WARN is activated. RLY4, STR2, STR3 are switched off by the safety switched off
path independently if they are configured as starter.
Safety switch off path can be triggered both by the micro-controller through EN pins or by
the L9788 detection of an internal fault as described in the Figure 47.
The functionality of the switch off path is guaranteed through physical isolation from the rest
of the device: the circuit is kept layouted in a dedicated area surrounded by trench
isolations, avoiding top routing over this cell and keeping a safe distance respect to the
nearby functional top routing to ensure complete independency.
The switch off path generates locally its supply voltage to drive the safety turn-off switch in
order to avoid interactions with the rest of the L9788; the supply voltage is created starting
directly from battery line. All the circuits used inside the switch-off path are able to sustain
high voltage to prevent unwanted functionality in case of local failure, moreover no external
reference is routed to this area and the EN_N and EN_P control logic is located inside this
area as well to complete isolation and remove any dependency from the rest of the L9788.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com