Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 124 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 120Page - STMicroelectronics L9788 Datasheet HTML 121Page - STMicroelectronics L9788 Datasheet HTML 122Page - STMicroelectronics L9788 Datasheet HTML 123Page - STMicroelectronics L9788 Datasheet HTML 124Page - STMicroelectronics L9788 Datasheet HTML 125Page - STMicroelectronics L9788 Datasheet HTML 126Page - STMicroelectronics L9788 Datasheet HTML 127Page - STMicroelectronics L9788 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 264 page
background image
Pre-drivers - ExtFET (MOS_Gate1/2/3/4/5) - PRD[1:5]
L9788
124/264
DS12308 Rev 4
9.2
ON state diagnostic
In the On state of pre-driver, the diagnosis will compare the Drain-source voltage with the
threshold generated internal. If MOS_DRAIN_X>Vth_DS_XXX (PRDx_VDS[0:2]
CONFIG_REG5/ CONFIG_REG6 / CONFIG_REG7)for a filter time, the Drain short to
battery fault will be confirmed. The internal comparator reads the voltage on drain pin versus
a dedicated GND sense pin (PIN X) that at application should be connected on the source of
external mos. Starting from the condition ON state a programmable blanking time (MSC
CONFIG_REG16=PRDx_BLK[1:0]) is applied to prevent the detection of the short-to-
battery fault. The blanking time is not applied when the driver is already ON.The pre-driver
will switch OFF and the fault will be latched until the Read_Diag_CMD action. This bit can
be reset by every Read Diag Communication. To re-activate ON the power stage in this two
following conditions:
The MSC command still High, when the Fault OVC Bit is read by MSC communication.
The MSC command becomes Low and then again High.
When Bit MSC_O2HPredr_1 = 1 the VDS comparator of predriver 1 is ignored.
When Bit MSC_O2HPredr_3 = 1 the VDS comparator of predriver 3 is ignored.
When Bit MSC_O2HPredr = 1 the VDS comparator of predriver 2 (or 4) is enabled
immediately with the turn ON command of Predriver (and checked by logic after the
blanking time), while when Bit MSC_O2HPredr = 0 the VDS comparator of corresponding
channel is enabled after selected blanking time.
The over current protection can be done reading the voltage on external Rshunt using the
VDS comparator of predriver 2&4.
9.3
ON/OFF state - Error in status diagnosis
Refer to Section 7.1.3.
9.4
Error handling
Table 53. Pre-driver - ExtFET error handling
Type of error
Detection
condition
Action
Clear
MSC flag
Restart condition
Driver diagnostic
Overcurrent (OVC)
Driver on
Driver is put in off state.
The fault is latched in
MSC diagnosis register.
On read
At MSC read of diagnosis
register if MSC command
is still high. If MSC
command is low and high
again.
Short to ground (STG)
Driver off
The fault is latched in
MSC diagnosis register.
On read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com