Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 148 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 144Page - STMicroelectronics L9788 Datasheet HTML 145Page - STMicroelectronics L9788 Datasheet HTML 146Page - STMicroelectronics L9788 Datasheet HTML 147Page - STMicroelectronics L9788 Datasheet HTML 148Page - STMicroelectronics L9788 Datasheet HTML 149Page - STMicroelectronics L9788 Datasheet HTML 150Page - STMicroelectronics L9788 Datasheet HTML 151Page - STMicroelectronics L9788 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 264 page
background image
CAN FD interface
L9788
148/264
DS12308 Rev 4
12.2
CAN state diagram
Figure 67. CAN state diagram
GADG0912161302PS
CAN_STBY_ON
Trasmitter: Disabled
Receiver: Enabled
RXD:Wake-up/HIGH
BIAS OFF
CAN_RX
Trasmitter: Disabled
Receiver: Enabled
RXD:HIGH/BITSTREAM
msc_bit_can_rx_en 0/1(default 1)
BIAS ON
CAN_TRX
Trasmitter: Enabled
Receiver: Enabled
RXD:HIGH/BITSTREAM
msc_bit_can_rx_en 0/1(default 1)
BIAS ON
UCHIP-ON
CAN_STBY_OFF
Trasmitter: Disabled
Receiver: Disabled/Enabled
(msc_bit_wakeup_en 0/1)
RXD:no output
BIAS OFF
UCHIP-OFF
Uchip off
and
msc_can_auto_bias ='0'
msc_bit_wakeup_en = '0'
from any other state except CAN_STBY_ON
CAN_BIAS_OFF
Trasmitter: Disabled
Receiver: Enabled
RXD:no output
BIAS ON
CAN_BIAS_ON
Trasmitter: Disabled
Receiver: Enabled
RXD:Wake-up/HIGH
BIAS ON
msc_bit_auto_bias = '0'
or
Tsilence expired
msc_bit_wakeup_en = '1'
and
WU DETECTION
and
msc_bit_auto_bias = '1'
(WAKE_UP_CAN_DET_AUTO is latched)
msc_bit_can_en = '0'
(configure by MSC or
clear by reset matrix*13)
and
msc_bit_auto_bias = '1'
{msc_bit_can_en = '1'
and
(msc_bit_can_tx_en = '0'
or
inhibit = '1' (rst_matrix*10*12)
or
Dominant timeout = '1'
or
CAN_perm_recessive = '1'
or
RXDC perm_rec = '1'
or
VDD_CAN_OV = '1')}
msc_bit_can_en = '1'
and
msc_bit_can_tx_en = '1'
and
inhibit = '0' (rst matrix*10*12)
and
Dominant timeout = '0'
and
CAN_perm_recessive = '0'
and
RXDC perm_rec = '0'
and
VDD_CAN_OV = '0'
from any other state except CAN_STBY_ON
Uchip off
and
msc_can_auto_bias ='1'
Uchip off
Tsilence expired
NORMAL MODE
(MSC_BIT_CAN_EN =1)
msc_bit_can_en = '0'
(configure by MSC or
clear by reset matrix*13)
and
msc_bit_auto_bias = '0'
msc_bit_can_en = '0'
(configure by MSC or
clear by reset matrix*13)
and
msc_bit_auto_bias = '0'
msc_bit_can_en = '1'
and
msc_bit_can_tx_en = '1'
and
inhibit = '0' (rst matrix *10*12)
and
Dominant timeout = '0'
and
CAN_perm_recessive = '0'
and
RXDC perm_rec = '0'
and
VDD_CAN_OV = '0'
msc_bit_can_tx_en = '0'
or
inhibit = '1' (rst matrix *10*12)
or
Dominant timeout = '1'
or
CAN_perm_recessive = '1'
or
RXDC perm_rec = '1'
or
VDD_CAN_OV = '1'
msc_bit_can_tx_en = '1'
and
inhibit = '0' (rst matrix*10*12)
and
Dominant timeout = '0'
and
CAN_perm_recessive = '0'
and
RXDC perm_rec = '0'
and
VDD_CAN_OV = '0'
msc_bit_can_en = '0'
(configure by MSC or
clear by reset matrix*13)
and
msc_bit_auto_bias = '1'
{(msc_bit_wakeup_en = '1'
and
WU DETECTION)
OR
Uchip on}
and
msc_bit_can_en = '1'
and
{msc_bit_can_tx_en = '0'
or
inhibit='1'(rst_matrix*10*12)
or
Dominant timeout = '1'
or
CAN_perm_recessive = '1'
or
RXDC perm_rec = '1'
or
VDD_CAN_OV = '1'}
{(msc_bit_wakeup_en = '1'
and
WU DETECTION)
OR
Uchip on}
and
msc_bit_can_en = '1'
and
{msc_bit_can_tx_en = '0'
or
inhibit='1'(rst_matrix*10*12)
or
Dominant timeout = '1'
or
CAN_perm_recessive = '1'
or
RXDC perm_rec = '1'
or
VDD_CAN_OV = '1'}
{(msc_bit_wakeup_en = '1'
and
WU DETECTION)
OR
Uchip on}
and
msc_bit_can_en = '0'
and
msc_bit_can_auto_bias = '0'
{(msc_bit_wakeup_en = '1'
and
WU DETECTION)
OR
Uchip on}
and
msc_bit_can_en = '0'
and
msc_bit_can_auto_bias = '1'
{(msc_bit_wakeup_en = '1'
and
WU DETECTION)
OR
Uchip on}
and
msc_bit_can_en = '0'
and
msc_bit_can_auto_bias = '1'
{msc_bit_can_en = '1'
and
(msc_bit_can_tx_en = '0'
or
inhibit = '1' (rst_matrix*10*12)
or
Dominant timeout = '1'
or
CAN_perm_recessive = '1'
or
RXDC perm_rec = '1'
or
VDD_CAN_OV = '1')}
LOW POWER MODE
(MSC_BIT_CAN_EN =0)
LOW POWER MODE
msc_bit_wakeup_en = '1'
and
WU DETECTION
and
msc_bit_auto_bias = '1'
(WAKE_UP_CAN_DET_AUTO is latched)
{(msc_bit_wakeup_en = '1'
and
WU DETECTION)
OR
Uchip on}
and
msc_bit_can_en = '1'
and
{msc_bit_can_tx_en = '1'
and
inhibit='0'(rst_matrix*10*12)
and
Dominant timeout = '0'
and
CAN_perm_recessive = '0'
and
RXDC perm_rec = '0'
and
VDD_CAN_OV = '0'}
{(msc_bit_wakeup_en = '1'
and
WU DETECTION)
OR
Uchip on}
and
msc_bit_can_en = '1'
and
{msc_bit_can_tx_en = '1'
and
inhibit='0'(rst_matrix*10*12)
and
Dominant timeout = '0'
and
CAN_perm_recessive = '0'
and
RXDC perm_rec = '0'
and
VDD_CAN_OV = '0'}
CAN register reset defaut values on POR VBSTBY
MSC_BIT_CAN_TX_EN = 1
MSC_BIT_CAN_RX_EN = 1
MSC_BIT_CAN_EN = 1
MSC_CAN_TXD_DOM_EN = 1
MSC_CAN_PERM_REC_EN= 1
MSC_CAN_PERM_DOM_EN= 1
MSC_CAN_RXD_REC_EN=1
MSC_CAN_AUTO_BIAS = 1
CAN register masked with RSTN = 0
Trasmitter disabled
(MSC_BIT_CAN_TX_EN = 0)
Diagnostics disabled
(MSC_CAN_TXD_DOM_EN = 0
MSC_CAN_PERM_REC_EN= 0
MSC_CAN_PERM_DOM_EN= 0
MSC_CAN_RXD_REC_EN=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com