Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 150 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 146Page - STMicroelectronics L9788 Datasheet HTML 147Page - STMicroelectronics L9788 Datasheet HTML 148Page - STMicroelectronics L9788 Datasheet HTML 149Page - STMicroelectronics L9788 Datasheet HTML 150Page - STMicroelectronics L9788 Datasheet HTML 151Page - STMicroelectronics L9788 Datasheet HTML 152Page - STMicroelectronics L9788 Datasheet HTML 153Page - STMicroelectronics L9788 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 264 page
background image
CAN FD interface
L9788
150/264
DS12308 Rev 4
CAN transceiver is in normal mode, the transmitter is disabled and its state changes to
CAN_RX in case of at least one of the following events:
Dominant TxDC time out and CAN_TXD_DOM_EN MSC bit = 1;
CAN permanent recessive CAN_PERM_REC_EN MSC bit = 1;
RxDC permanent recessive CAN_RXD_REC_EN MSC bit = 1;
VDD_CAN overvoltage detection (MSC bit VDD_CAN_OV = 1);
VDD_CAN undervoltage detection active;
MSC bit CAN_TX_EN = 0;
Reset matrix Conditions *10*12 (see Reset Matrix section).
The CAN receiver is not disabled in case of any failure condition.
The device provides the following 4 error handling features; the CAN error handling function
can be disabled by setting the dedicated corresponding MSC bit. The error handling must
be also enabled by setting the CAN_EN bit MSC_CONFIG-REG17-1[2].
12.6.1
Dominant CAN_TX time out
If CAN_TX is in dominant state (low) for t > tTXDC_DOM_TO the transmitter will be disabled,
CAN_TXD_DOM status bit will be latched and can be read and cleared by MSC. The
transmitter remains disabled until the status register is cleared or until the state returns
recessive according to the setting of the bit CAN_TX_DOM_ERR_CFG MSC CONFIG-
REG21 [0]. The detection of this error is enabled by the CAN_TXD_DOM_EN bit
MSC_CONFIG_REG21[3] and by the CAN_TX_EN bit MSC_CONFIG_REG17_1[3].
12.6.2
CAN permanent recessive
If CAN_TX changes to dominant (low) state but CAN bus does not follow for 4 times, the
transmitter will be disabled, CAN_PERM_REC status bit will be latched and can be read
and cleared by MSC. The transmitter remains disabled until the status register is cleared.
The detection of this error is enabled by the CAN_PERM_REC_EN bit
MSC_CONFIG_REG21[4] and by the CAN_TX_EN bit MSC_CONFIG_REG17_1[3].
12.6.3
CAN permanent dominant
If the bus state is dominant (low) for t > tdom a permanent dominant status will be detected.
CAN_PERM_DOM status bit is latched and can be read and cleared by MSC. The
transmitter will not be disabled. The detection of this error is enabled by the
CAN_PERM_DOM_EN bit MSC_CONFIG_REG21[5].
12.6.4
CAN_RX permanent recessive
If CAN_RX Pin is clamped to recessive (high) state, the controller is not able to recognize a
bus dominant state and could start messages at any time, which results in disturbing the
overall bus communication. Therefore, if CAN_RX does not follow CAN_TX for 4 times the
transmitter will be disabled. CAN_RXD_REC status bit will be latched and can be read and
cleared by MSC. The transmitter remains disabled until the status register is cleared. The
detection of this error is enabled by the CAN_RXD_REC_EN bit MSC_CONFIG_REG21[6]
and by the CAN_TX_EN bit MSC_CONFIG_REG17_1[3].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com