Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 163 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 163 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 159Page - STMicroelectronics L9788 Datasheet HTML 160Page - STMicroelectronics L9788 Datasheet HTML 161Page - STMicroelectronics L9788 Datasheet HTML 162Page - STMicroelectronics L9788 Datasheet HTML 163Page - STMicroelectronics L9788 Datasheet HTML 164Page - STMicroelectronics L9788 Datasheet HTML 165Page - STMicroelectronics L9788 Datasheet HTML 166Page - STMicroelectronics L9788 Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 264 page
background image
DS12308 Rev 4
163/264
L9788
LIN/K-LINE interface
263
13
LIN/K-LINE interface
13.1
Functional description
This interface is adapted to “LIN Specification Rev.2.1”, and it is also adapted to “K-LINE
Specification (ISO9141)”.
The Chip has over-voltage protection, loss of ground protection from -27 V to 40 V. -27 V
AMR is guaranteed at room & hot temperature. +40 V AMR is guaranteed in all temp
range.Short Circuit to Battery or Ground Protection is provided. If the bus line is short circuit
to battery, the over current protection is protected by current limitation function. Upon return
of connection, normal operation resumes without any intervention on the LIN bus line.
In case of power loss (VB_IN pin disconnected or power off) or ground loss (GND pin
disconnected) or LIN block in receive only mode (Transmition function disabled), the LIN
driver will not disturb the communication of the remaining transceivers connected to LIN or
KLINE bus. Upon return of connection, normal operation will resume without any
intervention on the LIN bus line.
LIN-TX is internally pulled up to internal 3.3 V.
All values in this section apply to the entire operating temperature and life of the U-chip.
The LIN block MAX baudrate is 20 Kbit/s.
Figure 71. Block diagram of LIN interface
13.2
LIN receive only mode
There is a MSC bit (LIN_TX_EN CONFIG-REG 11) to put the LINE block in receive only
mode (Transmition function disabled). Refer to reset matrix for the conditions to enter
receive only mode.
LIN interface
VB_IN
Dser_int
V3V3A
30 kOhm
1 kOhm
VBR
LIN
-27 V
+27 V
LIN Spec rev 2.1, ISO9141
short to VB protection
short to ground protection
LIN
PGND
LIN_TX
LIN_RX
GADG1212161148PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com