Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 165 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 161Page - STMicroelectronics L9788 Datasheet HTML 162Page - STMicroelectronics L9788 Datasheet HTML 163Page - STMicroelectronics L9788 Datasheet HTML 164Page - STMicroelectronics L9788 Datasheet HTML 165Page - STMicroelectronics L9788 Datasheet HTML 166Page - STMicroelectronics L9788 Datasheet HTML 167Page - STMicroelectronics L9788 Datasheet HTML 168Page - STMicroelectronics L9788 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 264 page
background image
DS12308 Rev 4
165/264
L9788
LIN/K-LINE interface
263
Figure 72. LIN TimeOut function
Figure 73. LIN_TX input structure
GADG1212161201PS
1. LIN Permanent Recessive
LIN_TX
LIN
LIN_RX
LIN_RX
(LIN_ERR)
Status bit
LIN Error
status bit
Even if LIN_TX is set to High, LIN_BUS be kept disable
LIN bus disabled
LIN bus fixed to Dominant
LIN Permanent dominant staus Detect
LIN_RX signal does not follow
within tLIN1 detect
tLIN1
tLIN2
If LIN_RX is continuation of High fixed,
LIN_ERR status bit is not cleared even if a
diagnosis is read by SPI
If LIN_RX is continuation of Low Fixed,
LIN_ERR status bit is not cleared even if a
diagnosis is read by SPI
LIN_ERR status bit is cleared when LIN_TX is
high and after a diagnosis is read by SPI
A status bit is cleared when LIN_RX is high
and after a diagnosis is read by SPI
After LIN_ERR status
Cleared
by MSB
Cleared
by SPI
Read
by SPI
bit is cleared, if LIN_TX
is set to Low, the
dominant output of LIN
Bus will be corried out
normally
continuation and LIN_ERR status bit is not cleared
2. LIN Permanent Dominant
Read
by SPI
Read
by SPI
Read
by SPI
Read
by SPI
Read
by SPI
2
1
1
3
2
4
GADG0912161539PS
V3V3
V3V3
VHIGH
Input structures: cascoding to
sustain battery level
VLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com