Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 182 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 182 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 178Page - STMicroelectronics L9788 Datasheet HTML 179Page - STMicroelectronics L9788 Datasheet HTML 180Page - STMicroelectronics L9788 Datasheet HTML 181Page - STMicroelectronics L9788 Datasheet HTML 182Page - STMicroelectronics L9788 Datasheet HTML 183Page - STMicroelectronics L9788 Datasheet HTML 184Page - STMicroelectronics L9788 Datasheet HTML 185Page - STMicroelectronics L9788 Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 264 page
background image
Micro second channel (MSC) interface
L9788
182/264
DS12308 Rev 4
Figure 84. MSC Command Frame bit stream
18.2.2
Data frame
A data frame always starts with a low level bit (data selection bit). The number of the data bit
of the active phase of a data frame NDB is fixed to 31 bits:
If the number of the data bit is not equal to NDB = 31 the frame will be ignored and the error
flag (TRANS_L) will be set, but no action on outputs is taken.
The length of the data frame's passive phase tCPP must be a minimum of 2 * tCL.
Figure 85. MSC Data Frame bit stream
Content of DATA frame (transmitted LSB first)
Table 87. MSC Interface command frame
bit
Description
0
=’1’: command selection bit
1-7
Command. LSB first!
8-15
Data for the command. LSB first!
MSC_EN
INVALID
CMD
INVALID
LSB
A0
A1
A2
A3
A4
A5
A6
D0
D1
D2
D3
D4
D5
D6
D7
MSB
Active level
LSB
MSB
Downstream Command Frame (16 bits)
tCPP
Address field (7 bits)
Data field (8 bits)
GADG1312161204PS
CMD
INVALID
LSB
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D30
Active level
MSB
Downstream Data Frame (32 bits)
tCPP
Data field (31 bits)
GADG2112161207PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com