Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 184 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 184 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 180Page - STMicroelectronics L9788 Datasheet HTML 181Page - STMicroelectronics L9788 Datasheet HTML 182Page - STMicroelectronics L9788 Datasheet HTML 183Page - STMicroelectronics L9788 Datasheet HTML 184Page - STMicroelectronics L9788 Datasheet HTML 185Page - STMicroelectronics L9788 Datasheet HTML 186Page - STMicroelectronics L9788 Datasheet HTML 187Page - STMicroelectronics L9788 Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 264 page
background image
Micro second channel (MSC) interface
L9788
184/264
DS12308 Rev 4
18.3
Upstream communication
The serial data output [DO] is the synchronous serial data signal of the upstream channel.
The polarity for [DO] is ‚normal polarity'- i.e. a low level bit at [DO] is stored in the µC as a
logic ‚0', and a high level bit at [DO] is stored in the µC as a logic ‚1'. The serial data output
is single-ended.
The frequency is derived from fCL by an internal divider to typ. fDO = fCL/32. It can be
adjusted via MSC to fDO = fCL/16... fCL/128. The time for a bit is TSDO = 1/fDO.
Each upstream frame consists of 16 bit:
1 start bit, always '0'
4-bit-upstream address field (A[0..3] with LSB first)
8 bit data upstream data field (D[0..7] with LSB first)
1 upstream parity bit (with even parity for the complete data frame)
2 fDO stop bit, always '1'.
There are 16 commands to perform read accesses.
All the read command READ-N Upstream Block are composed of 4 continued frames sent
to µC.
Within the execution of these read commands an upstream data frame is sent after the 2
stop bits of the prior upstream data frame and one additional interframe bit waiting time. If a
new read command is received while the up-stream communication is active, the 16 bit up-
stream on-going is completed and the new read command is canceled. At the end of the
upstream frame the latched flags contained in the register are cleared automatically, if the
frame is interrupted by new read command, flags will not be cleared. The time from the read
command to the first upstream frame of the answer is less than 100 µs.
Outside the upstream frame the DO output is high impedance
Figure 86. MSC upstream
GADG1312161239PS
Start
bit
Stop
bits
Start
bit
LS
LS
MS
AAAA
DDDDDDDD
PB
S
S
AAA
A
D
D
Active level
MSB
MSB
Up stream Frame (14 bits)
Total up stream frame field (16 bits)
PARITY BIT
INTERFRAME
Next up stream frame (16 bits)
Address
Data field (8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com