Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L92 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS42L92
Description  32-Bit 384-kHz Hi-Fi Audio Codec
PDF  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L92 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS42L92 Datasheet HTML 36Page - Cirrus Logic CS42L92 Datasheet HTML 37Page - Cirrus Logic CS42L92 Datasheet HTML 38Page - Cirrus Logic CS42L92 Datasheet HTML 39Page - Cirrus Logic CS42L92 Datasheet HTML 40Page - Cirrus Logic CS42L92 Datasheet HTML 41Page - Cirrus Logic CS42L92 Datasheet HTML 42Page - Cirrus Logic CS42L92 Datasheet HTML 43Page - Cirrus Logic CS42L92 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 333 page
background image
40
DS1162F2
CS42L92
4.2 Input Signal Path
4.2.7
Input Signal Path Digital Volume Control
A digital volume control is provided on each input signal path, providing –64 dB to +31.5 dB gain control in 0.5-dB steps.
An independent mute control is also provided for each input signal path.
Whenever the gain or mute setting is changed, the signal path gain is ramped up or down to the new settings at a
programmable rate. For increasing gain (or unmute), the rate is controlled by IN_VI_RAMP. For decreasing gain (or mute),
the rate is controlled by IN_VD_RAMP.
Note: The IN_VI_RAMP and IN_VD_RAMP fields should not be changed while a volume ramp is in progress.
The IN_VU bits control the loading of the input signal path digital volume and mute controls. When IN_VU is cleared, the
digital volume and mute settings are loaded into the respective control register, but do not change the signal path gain.
The digital volume and mute settings on all of the input signal paths are updated when a 1 is written to IN_VU. This makes
it possible to update the gain of multiple signal paths simultaneously.
Note that, although the digital-volume controls provide 0.5-dB steps, the internal circuits provide signal gain adjustment in
0.125-dB steps. This allows a very high degree of gain control and smooth volume ramping under all operating conditions.
Note: The 0 dBFS level of the IN1–IN4 digital input paths is not equal to the 0 dBFS level of the CS42L92 digital core.
The maximum digital input signal level is –6 dBFS (see Table 3-7). Under 0 dB gain conditions, a –6 dBFS input
signal corresponds to a 0 dBFS input to the CS42L92 digital core functions.
The digital volume control registers are described in Table 4-4 and Table 4-5.
R808 (0x0328)
IN4L_Control
15
IN4L_HPF
0
Input Path 4 (Left) HPF Enable
0 = Disabled
1 = Enabled
12:11 IN4_DMIC_
SUP[1:0]
00
Input Path 4 DMIC Reference Select (sets the DMICDAT4 and DMICCLK4 logic levels)
00 = MICVDD
01 = MICBIAS1
10 = MICBIAS2
11 = Reserved
R810 (0x032A)
DMIC4L_Control
10:8 IN4_
OSR[2:0]
101
Input Path 4 Oversample Rate Control - selects the DMICCLK4 frequency.
010 = 384 kHz
011 = 768 kHz
100 = 1.536 MHz
101 = 3.072 MHz
110 = 6.144 MHz
All other codes are reserved
R812 (0x032C)
IN4R_Control
15
IN4R_HPF
0
Input Path 4 (Right) HPF Enable
0 = Disabled
1 = Enabled
Table 4-4. Input Signal Path Digital Volume Control
Register Address
Bit
Label
Default
Description
R777 (0x0309)
Input_Volume_
Ramp
6:4
IN_VD_RAMP[2:0]
010
Input Volume Decreasing Ramp Rate (seconds/6 dB).
This field should not be changed while a volume ramp is in progress.
000 = 0 ms
001 = 0.5 ms
010 = 1 ms
011 = 2 ms
100 = 4 ms
101 = 8 ms
110 = 15 ms
111 = 30 ms
2:0
IN_VI_RAMP[2:0]
010
Input Volume Increasing Ramp Rate (seconds/6 dB).
This field should not be changed while a volume ramp is in progress.
000 = 0 ms
001 = 0.5 ms
010 = 1 ms
011 = 2 ms
100 = 4 ms
101 = 8 ms
110 = 15 ms
111 = 30 ms
Table 4-3. Input Signal Path Configuration (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com