Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L92 Datasheet(PDF) 90 Page - Cirrus Logic

Part # CS42L92
Description  32-Bit 384-kHz Hi-Fi Audio Codec
PDF  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L92 Datasheet(HTML) 90 Page - Cirrus Logic

Back Button CS42L92 Datasheet HTML 86Page - Cirrus Logic CS42L92 Datasheet HTML 87Page - Cirrus Logic CS42L92 Datasheet HTML 88Page - Cirrus Logic CS42L92 Datasheet HTML 89Page - Cirrus Logic CS42L92 Datasheet HTML 90Page - Cirrus Logic CS42L92 Datasheet HTML 91Page - Cirrus Logic CS42L92 Datasheet HTML 92Page - Cirrus Logic CS42L92 Datasheet HTML 93Page - Cirrus Logic CS42L92 Datasheet HTML 94Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 333 page
background image
90
DS1162F2
CS42L92
4.3 Digital Core
4.3.16 Isochronous Sample-Rate Converter (ISRC)
The CS42L92 supports multiple signal paths through the digital core. The ISRCs provide sample-rate conversion between
synchronized sample rates on the SYSCLK clock domain, or between synchronized sample rates on the ASYNCCLK clock
domain.
There are two ISRCs on the CS42L92. Each ISRC provides two stereo signal paths between two different sample rates,
as shown in Fig. 4-33.
The sample rates associated with each ISRC can be set independently. Note that the two sample rates associated with
any single ISRC must both be referenced to the same clock domain (SYSCLK or ASYNCCLK).
• When an ISRC is used on the SYSCLK domain, the associated sample rates may be selected from SAMPLE_
RATE_1, SAMPLE_RATE_2, or SAMPLE_RATE_3.
• When an ISRC is used on the ASYNCCLK domain, the associated sample rates are ASYNC_SAMPLE_RATE_1
and ASYNC_SAMPLE_RATE_2.
See Section 4.16 for details of the sample-rate control registers.
Each ISRC converts between a sample rate selected by ISRCn_FSL and a sample rate selected by ISRCn_FSH, (where
n
identifies the applicable ISRC 1 or 2). The higher of the two sample rates must be selected by ISRCn_FSH in each case.
R3809 (0x0EE1)
ASRC1_STATUS
3
ASRC1_IN2L_
ENA_STS
0
ASRC1 IN2 (left) enable status
(Left channel from ASRC1_RATE2 sample rate to ASRC1_RATE1 sample rate)
0 = Disabled
1 = Enabled
2
ASRC1_IN2R_
ENA_STS
0
ASRC1 IN2 (right) enable status
(Right channel from ASRC1_RATE2 sample rate to ASRC1_RATE1 sample rate)
0 = Disabled
1 = Enabled
1
ASRC1_IN1L_
ENA_STS
0
ASRC1 IN1 (left) enable status
(Left channel from ASRC1_RATE1 sample rate to ASRC1_RATE2 sample rate)
0 = Disabled
1 = Enabled
0
ASRC1_IN1R_
ENA_STS
0
ASRC1 IN1 (right) enable status
(Right channel from ASRC1_RATE1 sample rate to ASRC1_RATE2 sample rate)
0 = Disabled
1 = Enabled
R3810 (0x0EE2)
ASRC1_RATE1
15:11 ASRC1_
RATE1[4:0]
0x00
ASRC1 Sample Rate select for ASRC1 IN1x inputs and ASRC1 IN2x outputs
0x00 = SAMPLE_RATE_1
0x01 = SAMPLE_RATE_2
0x02 = SAMPLE_RATE_3
0x08 = ASYNC_SAMPLE_RATE_1
0x09 = ASYNC_SAMPLE_RATE_2
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
All ASRC1_IN1x_SRC fields must be cleared before changing ASRC1_RATE1.
R3811 (0x0EE3)
ASRC1_RATE2
15:11 ASRC1_
RATE2[4:0]
0x08
ASRC1 Sample Rate select for ASRC1 IN2x inputs and ASRC1 IN1x outputs
0x00 = SAMPLE_RATE_1
0x01 = SAMPLE_RATE_2
0x02 = SAMPLE_RATE_3
0x08 = ASYNC_SAMPLE_RATE_1
0x09 = ASYNC_SAMPLE_RATE_2
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
All ASRC1_IN1x_SRC fields must be cleared before changing ASRC1_RATE1.
Table 4-27. Digital-Core ASRC Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com