Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L92 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS42L92
Description  32-Bit 384-kHz Hi-Fi Audio Codec
PDF  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L92 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS42L92 Datasheet HTML 33Page - Cirrus Logic CS42L92 Datasheet HTML 34Page - Cirrus Logic CS42L92 Datasheet HTML 35Page - Cirrus Logic CS42L92 Datasheet HTML 36Page - Cirrus Logic CS42L92 Datasheet HTML 37Page - Cirrus Logic CS42L92 Datasheet HTML 38Page - Cirrus Logic CS42L92 Datasheet HTML 39Page - Cirrus Logic CS42L92 Datasheet HTML 40Page - Cirrus Logic CS42L92 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 333 page
background image
DS1162F2
37
CS42L92
4.2 Input Signal Path
4.2.5
Input Signal Path Sample-Rate Control
The input signal paths may be selected as input to the digital mixers or signal-processing functions within the CS42L92
digital core. The sample rate for the input signal paths can be set globally, or can be configured independently for each
input channel.
The IN_RATE_MODE bit (defined in Table 4-3) controls whether the input sample rates are set globally using IN_RATE,
or independently for each input channel using the INnx_RATE fields (where n is 1–4 and x is L or R for the left/right
channels respectively). The IN_RATE and INnx_RATE fields are defined in Table 4-26.
Note that sample-rate conversion is required when routing the input signal paths to any signal chain that is asynchronous
or configured for a different sample rate.
4.2.6
Input Signal Path Configuration
The CS42L92 supports up to eight analog inputs or up to eight digital inputs. Selectable combinations of analog (mic or
line) and digital inputs are multiplexed into four stereo input signal paths.
Input paths IN1 and IN2 can be configured for single-ended, differential, or DMIC operation. The analog input configuration
and pin selection is controlled using the INnx_SRC bits; digital input mode is selected by setting INn_MODE.
Input paths IN3 and IN4 support digital inputs only. Note that the external pin connections are shared with the IN1R and
IN2R analog input paths—the following restrictions apply:
• If IN3L or IN3R input paths are enabled, IN1R analog input is restricted to differential (IN1BR–IN1ALN) or
single-ended (IN1BR) configurations only.
• If IN4L or IN4R input paths are enabled, IN2R analog input is restricted to single-ended (IN2BR) configuration only.
A configurable high-pass filter (HPF) is provided on the left and right channels of each input path. The applicable cut-off
frequency is selected using IN_HPF_CUT. The filter can be enabled on each path independently using the INnx_HPF bits.
The analog input signal paths (single-ended or differential) each incorporate a PGA to provide gain in the range 0 dB to
+31 dB in 1-dB steps. Note that these PGAs do not provide pop suppression functions; it is recommended that the gain
should not be adjusted while the respective signal path is enabled.
The analog input PGA gain is controlled using INnL_PGA_VOL and INnR_PGA_VOL. Note that separate volume control
is provided for the left and right channels of each stereo pair.
If DMIC input is selected, the respective DMICCLKn frequency is controlled by the respective INn_OSR field.
If a signal path is configured for DMIC input, the voltage reference for the associated input/output pins is selectable using
the INn_DMIC_SUP fields—each interface may be referenced to MICVDD, MICBIAS1, or MICBIAS2. The voltage
reference for each digital input path should be set equal to the applicable power supply of the respective microphones.
The CS42L92 input paths can be configured for power-saving operation, ideal for always-on applications. The low-power
configurations allow the power consumption to be optimized with respect to the required audio performance
characteristics.
• If a signal path is configured for analog input, low-power operation can be selected by setting the respective INnx_
LP_MODE bit. Mid-power operation can be configured by setting INn_OSR = 100 for the respective signal paths.
(Note that the INnx_LP_MODE bit should be cleared in the mid-power configuration.) Note that the maximum
input-signal level is reduced by 6 dB if mid-power operation is selected—see Table 3-4.
• If a signal path is configured for digital input, the respective DMICCLKn frequency can be configured using the INn_
OSR bits. Reducing the DMICCLKn frequency reduces power consumption at the expense of audio performance.
The INn_OSR field also supports high performance DMIC mode, when 6.144 MHz DMICCLK is selected.
If 384- or 768-kHz DMICCLKn frequency is selected, the maximum sample rate for the respective paths is restricted
as described in Table 4-1. If the input sample rates are set globally using IN_RATE (i.e., IN_RATE_MODE = 0), all
input paths are affected similarly.
The MICVDD voltage is generated by an internal charge pump and LDO regulator. The MICBIASn outputs are derived
from MICVDD; see Section 4.19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com