Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L92 Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS42L92
Description  32-Bit 384-kHz Hi-Fi Audio Codec
PDF  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L92 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS42L92 Datasheet HTML 70Page - Cirrus Logic CS42L92 Datasheet HTML 71Page - Cirrus Logic CS42L92 Datasheet HTML 72Page - Cirrus Logic CS42L92 Datasheet HTML 73Page - Cirrus Logic CS42L92 Datasheet HTML 74Page - Cirrus Logic CS42L92 Datasheet HTML 75Page - Cirrus Logic CS42L92 Datasheet HTML 76Page - Cirrus Logic CS42L92 Datasheet HTML 77Page - Cirrus Logic CS42L92 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 333 page
background image
74
DS1162F2
CS42L92
4.3 Digital Core
Figure 4-27. Digital-Core Noise Generator
The noise generator can be selected as input to any of the digital mixers or signal-processing functions within the CS42L92
digital core. The hexadecimal number (0x0D) in Fig. 4-27 indicates the corresponding x_SRCn setting for selection of the
noise generator as an input to another digital-core function.
The sample rate for the noise generator is configured using NOISE_GEN_RATE. See Table 4-26. Note that sample-rate
conversion is required when routing the noise generator output to any signal chain that is asynchronous or configured for
a different sample rate.
The noise generator is enabled by setting NOISE_GEN_ENA, described in Table 4-22. The signal level is configured using
NOISE_GEN_GAIN.
4.3.11 Haptic Signal Generator
The CS42L92 incorporates a signal generator for use with haptic devices (e.g., mechanical vibration actuators). The haptic
signal generator is compatible with both eccentric rotating mass (ERM) and linear resonant actuator (LRA) haptic devices.
The haptic signal generator is highly configurable, and includes the capability to execute a programmable event profile
comprising three distinct operating phases.
The resonant frequency of the haptic signal output (for LRA devices) is selectable, providing support for many different
actuator components.
The haptic signal generator is a digital signal generator, which is incorporated within the digital core of the CS42L92. In a
typical use case the haptic signal may be routed, via one of the digital-core output mixers, to the digital PDM output. An
external amplifier can be used to drive the haptic device, as shown in Fig. 4-28.
Table 4-22. Noise Generator Control
Register Address
Bit
Label
Default
Description
R160 (0x00A0)
Comfort_Noise_
Generator
5
NOISE_GEN_
ENA
0
Noise Generator Enable
0 = Disabled
1 = Enabled
4:0
NOISE_GEN_
GAIN[4:0]
0x00
Noise generator signal level
0x00 = –114 dBFS
0x01 = –108 dBFS
0x02 = –102 dBFS
…(6-dB steps)
0x11 = –6 dBFS
0x12 = 0 dBFS
All other codes are reserved
Noise Generator (0x0D)
White Noise
Generator
NOISE_GEN_ENA p. 74
NOISE_GEN_GAIN[4:0] p. 74
NOISE_GEN_RATE[4:0] p. 84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com