| Electronic Components Datasheet Search |
|
CS42L92 Datasheet(PDF) 32 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS42L92 Datasheet(HTML) 32 Page - Cirrus Logic |
|
32 / 333 page ![]() 32 DS1162F2 CS42L92 4.2 Input Signal Path 4.2.1 Analog Microphone Input Up to eight analog microphones can be connected to the CS42L92, either in single-ended or differential configuration. The input configuration and pin selection is controlled using INnx_SRC, as described in Section 4.2.6. The CS42L92 includes external accessory-detection circuits that can report the presence of a microphone and the status of a hook switch or other push buttons. When using this function, it is recommended to use the IN1ALx, IN1BLx, or IN1BR analog microphone input paths to ensure best immunity to electrical transients arising from the push buttons. For single-ended input, the microphone signal is connected to the noninverting input of the PGAs. The inverting inputs of the PGAs are connected to an internal reference in this configuration. For differential input, the noninverted microphone signal is connected to the noninverting input of the PGAs and the inverted (or noisy ground) signal is connected to the inverting input pins. The gain of the input PGAs is controlled via register settings, as defined in Section 4.2.6. Note that the input impedance of the analog input paths is fixed across all PGA gain settings. The ECM analog input configurations are shown in Fig. 4-3 and Fig. 4-4. The integrated MICBIAS generators provide a low noise reference for biasing the ECMs. Pseudodifferential connection is also possible—this is similar to the configuration shown in Fig. 4-4, but the GND connection is directly to the microphone (and INnxN capacitor), instead of via a resistor. The typical connections for pseudodifferential input are shown in Fig. 4-5. Note that pseudodifferential input is the recommended configuration if the accessory-detection functions are used on this input path. The INnx_SRC field settings are the same for pseudodifferential connection as for differential. The IN1ALN pin can be used as the inverting input connection for the IN1L and IN1R paths concurrently. This allows two microphones to be supported, in pseudodifferential configuration, while minimizing the number of pin connections required—see Fig. 4-6. Figure 4-3. Single-Ended ECM Input Figure 4-4. Differential ECM Input To ADC VREF INnAxN, IN1BLN INnAxP, INnBLP, INnBx ECM GND MICBIAS PGA + – To ADC VREF INnAxN, IN1BLN INnAxP, INnBLP, INnBx ECM GND MICBIAS PGA + – |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |