Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L92 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS42L92
Description  32-Bit 384-kHz Hi-Fi Audio Codec
PDF  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L92 Datasheet(HTML) 2 Page - Cirrus Logic

  CS42L92 Datasheet HTML 1Page - Cirrus Logic CS42L92 Datasheet HTML 2Page - Cirrus Logic CS42L92 Datasheet HTML 3Page - Cirrus Logic CS42L92 Datasheet HTML 4Page - Cirrus Logic CS42L92 Datasheet HTML 5Page - Cirrus Logic CS42L92 Datasheet HTML 6Page - Cirrus Logic CS42L92 Datasheet HTML 7Page - Cirrus Logic CS42L92 Datasheet HTML 8Page - Cirrus Logic CS42L92 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 333 page
background image
2
DS1162F2
CS42L92
Description
The CS42L92 is a highly integrated low-power audio system for smartphones, tablets, and other portable audio devices.
Multiple input/output paths are supported by a fully flexible all-digital mixing and routing engine, incorporating sample rate
converters and other signal-processing functions for wide use-case flexibility. The integrated DSP provides a
general-purpose signal processing capability; this is supported by general-purpose timer and event-logger functions.
The digital audio interfaces and hi-fi DACs enable 32-bit playback through the entire signal chain. Native audio playback
at sample rates up to 384 kHz is possible, concurrent with voice and ultrasonic input paths.
The CS42L92 supports up to eight analog inputs and up to eight PDM digital inputs. Low-power input modes are available
for always-on (e.g., voice-trigger) functionality using either analog or digital input. A smart accessory interface, with
multipurpose impedance sensing and measurement capability, supports detection of external headsets and push buttons.
Dual headphone connections (e.g., 3.5-mm and USB-C™) can be detected simultaneously.
Four hi-fi quality stereo headphone drivers are provided, each supporting stereo ground-referenced or mono bridge-tied
load (BTL) configurations. Multiple headphone/earpiece outputs can be supported, including balanced stereo headphone
configurations. The output drivers offer noise levels as low as 0.63
VRMS into line or headphone loads. Selectable hi-fi
filters support playback modes at sample rates up to 384 kHz.
Two channels of PDM output (one stereo interface) are available, and also an IEC-60958-3–compatible S/PDIF
transmitter. A signal generator for controlling haptics devices is included; vibe actuators can connect directly to the PDM
output interface. All inputs, outputs, and system interfaces can function concurrently.
A SLIMbus interface supports multichannel audio paths and host control register access. Three further digital audio
interfaces are provided, each supporting a wide range of standard audio sample rates and serial interface formats.
Automatic sample-rate detection enables seamless wideband/narrowband voice-call handover. Two FLLs are integrated,
providing support for a wide range of system-clock frequencies.
The CS42L92 is configured using the SLIMbus, SPI™, or IC interfaces. The device is powered from 1.8- and 1.2-V
supplies. The power, clocking, and output driver architectures are designed to maximize battery life in voice, music, and
standby modes. Low-power (10
A) Sleep Mode is supported, with configurable wake-up events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com