Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSO16IS Datasheet(PDF) 57 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 57 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 53Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 54Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 55Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 56Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 57Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 58Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 59Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 60Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 107 page
background image
11.14
ISPU_DOUT_06_L (1Ch), ISPU_DOUT_06_H (1Dh)
ISPU output register 6 (R). This register is also accessible from ISPU at address 681Ch, 681Dh (R/W).
Table 143. ISPU_DOUT_06_L register
DOUT6_7
DOUT6_6
DOUT6_5
DOUT6_4
DOUT6_3
DOUT6_2
DOUT6_1
DOUT6_0
Table 144. ISPU_DOUT_06_H register
DOUT6_15
DOUT6_14
DOUT6_13
DOUT6_12
DOUT6_11
DOUT6_10
DOUT6_9
DOUT6_8
Table 145. ISPU_DOUT_06 register description
DOUT6_[15:0]
General-purpose output.
11.15
ISPU_DOUT_07_L (1Eh), ISPU_DOUT_07_H (1Fh)
ISPU output register 7 (R). This register is also accessible from ISPU at address 681Eh, 681Fh (R/W).
Table 146. ISPU_DOUT_07_L register
DOUT7_7
DOUT7_6
DOUT7_5
DOUT7_4
DOUT7_3
DOUT7_2
DOUT7_1
DOUT7_0
Table 147. ISPU_DOUT_07_H register
DOUT7_15
DOUT7_14
DOUT7_13
DOUT7_12
DOUT7_11
DOUT7_10
DOUT7_9
DOUT7_8
Table 148. ISPU_DOUT_07 register description
DOUT7_[15:0]
General-purpose output.
11.16
ISPU_DOUT_08_L (20h), ISPU_DOUT_08_H (21h)
ISPU output register 8 (R). This register is also accessible from ISPU at address 6820h, 6821h (R/W).
Table 149. ISPU_DOUT_08_L register
DOUT8_7
DOUT8_6
DOUT8_5
DOUT8_4
DOUT8_3
DOUT8_2
DOUT8_1
DOUT8_0
Table 150. ISPU_DOUT_08_H register
DOUT8_15
DOUT8_14
DOUT8_13
DOUT8_12
DOUT8_11
DOUT8_10
DOUT8_9
DOUT8_8
Table 151. ISPU_DOUT_08 register description
DOUT8_[15:0]
General-purpose output.
LSM6DSO16IS
ISPU_DOUT_06_L (1Ch), ISPU_DOUT_06_H (1Dh)
DS13892 - Rev 2
page 57/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com