Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSO16IS Datasheet(PDF) 3 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 3 Page - STMicroelectronics

  LSM6DSO16IS Datasheet HTML 1Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 2Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 3Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 4Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 5Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 6Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 7Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 8Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 107 page
background image
2
ISPU (intelligent sensor processing unit)
The LSM6DSO16IS embeds a general-purpose core, a new ST category of processing, called ISPU (intelligent
sensor processing unit). The ISPU is based on STRED architecture, a proprietary architecture developed by
STMicroelectronics. Its optimized ultra-low-power hardware circuitry for the real-time execution of the algorithms
is a state-of-the-art feature for any personal electronics, from wearable accessories to high-end applications (for
example, smartwatches, convertible laptops, smartphones, and so on).
A toolchain allows developing in C code and loading any custom program in the core, with the only limitation
being the available memory size of the program.
Several algorithms running on the ISPU can generate interrupts to wake up the host processor accordingly.
The ISPU core includes an 8 KB RAM for data storage and a dedicated 32 KB RAM for program memory in
order to have maximum configurability. The program of the ISPU, hosted in volatile memory, should be loaded at
power-up of the device by an external host through the SPI/I²C interface.
The LSM6DSO16IS is internally organized as follows:
•
the sensor core (with 8-bit registers) which communicates with the user over the SPI or I²C and handles the
sensor features (from settings to outputs)
•
the processing core: ISPU which is based on 32-bit registers and communicates with the user through the
8-bit interface registers of the sensor core
The registers that enable the exchange between the ISPU and the sensor core are:
•
ISPU reading accelerometer data ISPU_ARAW_X_L (6880h), ISPU_ARAW_X_H (6881h),
ISPU_ARAW_Y_L (6884h), ISPU_ARAW_Y_H (6885h), ISPU_ARAW_Z_L (6888h), ISPU_ARAW_Z_H
(6889h)
•
ISPU reading gyroscope data ISPU_GRAW_X_L (688Ch), ISPU_GRAW_X_H (688Dh), ISPU_GRAW_Y_L
(6890h), ISPU_GRAW_Y_L (6891h), ISPU_GRAW_Z_L (6894h), ISPU_GRAW_Z_H (6895h)
•
ISPU reading external sensor data ISPU_ERAW_0_L (6898h), ISPU_ERAW_0_H (6899h),
ISPU_ERAW_1_L (689Ch), ISPU_ERAW_1_H (689Dh), ISPU_ERAW_2_L (68A0h), ISPU_ERAW_2_H
(68A1h)
•
ISPU reading temperature sensor data ISPU_TEMP_L (68A4h), ISPU_TEMP_H (68A5h)
The data in the registers above comes from physical sensors (accelerometer, gyroscope, temperature and
external sensors) in 16-bit two’s complement format, without any decoding.
LSM6DSO16IS
ISPU (intelligent sensor processing unit)
DS13892 - Rev 2
page 3/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com